Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1252 Datasheet (PDF) - Advanced Power Technology

MS1252 Datasheet PDF - Advanced Power Technology
Part # MS1252
Download  MS1252 Download
File Size   84.93 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS HF - VHF COMMUNICATION APPLICATIONS

MS1252 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1252 Datasheet PDF - Advanced Power Technology

Part # MS1252
Download  MS1252 Click to download

File Size   84.93 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS HF - VHF COMMUNICATION APPLICATIONS

MS1252 Datasheet (HTML) - Advanced Power Technology


MS1252 Product details

DESCRIPTION:
The MS1252 is especially designed for VHF large signal amplifier applications in industrial and commercial FM equipment operating up to 175 MHz. Ideally suited for marine radio applications.

Features
• FREQUENCY 160MHz
• VOLTAGE 13.6V
• COMMON EMITTER
• POWER OUT 40W
• POWER GAIN 9dB




Similar Part No. - MS1252

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MS125 DIOTEC-MS125 Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers Si-Br짰kengleichrichter f짰 die Oberfl짰henmontage
MS125 DIOTEC-MS125 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Advanced Power Technolo...
MS1251 ADPOW-MS1251 Datasheet
193Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1253 ADPOW-MS1253 Datasheet
115Kb / 4P
RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
logo
CIT Relay & Switch
MS1257 CIT-MS1257 Datasheet
118Kb / 1P
CIT SWITCH
More results


Similar Description - MS1252

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1446 STMICROELECTRONICS-SD1446 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1011 ADPOW-MS1011 Datasheet
97Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1204 ADPOW-MS1204 Datasheet
102Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1253 ADPOW-MS1253 Datasheet
115Kb / 4P
RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
MSC1075MP ADPOW-MSC1075MP Datasheet
141Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1006 ADPOW-MS1006 Datasheet
104Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1504 ADPOW-MS1504 Datasheet
97Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1019 ADPOW-SD1019 Datasheet
212Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF APPLICATIONS
SD1143 ADPOW-SD1143 Datasheet
117Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
logo
Microsemi Corporation
SD1019 MICROSEMI-SD1019_1 Datasheet
113Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF APPLICATIONS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com