Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1252 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1252
Description  RF AND MICROWAVE TRANSISTORS HF - VHF COMMUNICATION APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1252 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1252 Datasheet HTML 1Page - Advanced Power Technology MS1252 Datasheet HTML 2Page - Advanced Power Technology MS1252 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1252
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
The MS1252 is especially designed for VHF large signal amplifier
applications in industrial and commercial FM equipment operating up
to 175 MHz. Ideally suited for marine radio applications.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
18
V
VEBO
Emitter-Base Voltage
4
V
IC
Device Current
5
A
PDISS
Power Dissipation
70
W
TJ
Junction Temperature
+ 200
°°C
TSTG
Storage Temperature
– 65 to + 150
°°C
THERMAL DATA
RTH(j-c)
Junction-Case Thermal Resistance
2.5
°°C/W
Features
Features
• FREQUENCY 160MHz
• VOLTAGE 13.6V
• COMMON EMITTER
• POWER OUT 40W
• POWER GAIN 9dB
RF AND MICROWAVE TRANSISTORS
HF - VHF COMMUNICATION APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1252

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MS125 DIOTEC-MS125 Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers Si-Br짰kengleichrichter f짰 die Oberfl짰henmontage
MS125 DIOTEC-MS125 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Advanced Power Technolo...
MS1251 ADPOW-MS1251 Datasheet
193Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1253 ADPOW-MS1253 Datasheet
115Kb / 4P
RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
logo
CIT Relay & Switch
MS1257 CIT-MS1257 Datasheet
118Kb / 1P
CIT SWITCH
More results

Similar Description - MS1252

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1446 STMICROELECTRONICS-SD1446 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1011 ADPOW-MS1011 Datasheet
97Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1204 ADPOW-MS1204 Datasheet
102Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1253 ADPOW-MS1253 Datasheet
115Kb / 4P
RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
MSC1075MP ADPOW-MSC1075MP Datasheet
141Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1006 ADPOW-MS1006 Datasheet
104Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1504 ADPOW-MS1504 Datasheet
97Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1019 ADPOW-SD1019 Datasheet
212Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF APPLICATIONS
SD1143 ADPOW-SD1143 Datasheet
117Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
logo
Microsemi Corporation
SD1019 MICROSEMI-SD1019_1 Datasheet
113Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com