Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEK-POWLDOV01S Datasheet (PDF) - STMicroelectronics

AEK-POWLDOV01S Datasheet PDF - STMicroelectronics
Part # AEK-POWLDOV01S
Download  AEK-POWLDOV01S Download
File Size   2381.94 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade LDO with configurable output voltage based on the L99VR01STR

AEK-POWLDOV01S Datasheet (PDF)

Go To PDF Page Download Datasheet
AEK-POWLDOV01S Datasheet PDF - STMicroelectronics

Part # AEK-POWLDOV01S
Download  AEK-POWLDOV01S Click to download

File Size   2381.94 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade LDO with configurable output voltage based on the L99VR01STR

AEK-POWLDOV01S Datasheet (HTML) - STMicroelectronics


AEK-POWLDOV01S Product details

Description
The AEK-POW-LDOV01S is an evaluation board based on the L99VR01STR. It
can be used in several electronic applications such as microcontroller supplies,
automotive display drivers, sensors, and infotainment processors.
Thanks to its thermal performance up to 150°C, the device is suitable for electronic
applications with high temperature environments and for applications requiring stable
power supplies.

Features
• Eight selectable fixed output voltages: (0.8, 1.2, 1.5, 1.8, 2.5, 2.8, 3.3, and 5 V)
with up to 200 mA load current capability
• Enable pin
• Reset
• Fast output discharge




Similar Part No. - AEK-POWLDOV01S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AEK-POWLDOV01J STMICROELECTRONICS-AEK-POWLDOV01J Datasheet
312Kb / 6P
Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR
02-Sep-2022
More results


Similar Description - AEK-POWLDOV01S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
Demonstration board on 7 W single output based on the VIPer17
05-Jun-2008
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
logo
Linear Technology
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
logo
STMicroelectronics
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
STEVAL-ILL089V1 STMICROELECTRONICS-STEVAL-ILL089V1 Datasheet
902Kb / 4P
1 A buck LED driver board based on the ALED6000 automotive-grade dimmable LED driver
Rev 1 - November 2019
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
AEK-POW-LDOV01J STMICROELECTRONICS-AEK-POW-LDOV01J Datasheet
312Kb / 6P
Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR
02-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com