Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1536 Datasheet (PDF) - Advanced Power Technology

MS1536 Datasheet PDF - Advanced Power Technology
Part # MS1536
Download  MS1536 Download
File Size   121.61 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS

MS1536 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1536 Datasheet PDF - Advanced Power Technology

Part # MS1536
Download  MS1536 Click to download

File Size   121.61 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS

MS1536 Datasheet (HTML) - Advanced Power Technology


MS1536 Product details

DESCRIPTION:
The MS1536 is a 28V Class C epitaxial silicon NPN planar transistor designed primarily for UHF communications. This device utilizes diffused emitter resistors to achieve 10:1 VSWR capability under specified operating conditions. Internal input matching provides optimum power gain and efficiency over the 225 – 400 MHz band.

Features
• 900 MHz
• 24 VOLTS
• POUT = 60 WATTS
• GP = 7.0 dB MINIMUM
• INPUT AND OUTPUT MATCHED
• COMMON BASE CONFIGURATION




Similar Part No. - MS1536

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
MS1530004 AMETHERM-MS1530004 Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS1530004 AMETHERM-MS1530004 Datasheet
29Kb / 2P
Erin Landis
MS1530004-A AMETHERM-MS1530004-A Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS1530004-B AMETHERM-MS1530004-B Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS1530004 AMETHERM-MS1530004_14 Datasheet
29Kb / 2P
Erin Landis
More results


Similar Description - MS1536

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1414-12 STMICROELECTRONICS-SD1414-12 Datasheet
50Kb / 6P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Dec-1999
SD1414 STMICROELECTRONICS-SD1414 Datasheet
62Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Mar-1993
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD1660 STMICROELECTRONICS-SD1660 Datasheet
75Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
SD1680 STMICROELECTRONICS-SD1680 Datasheet
98Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1455 ADPOW-MS1455 Datasheet
132Kb / 4P
RF & MICROWAVE TRANSISTORS 800 - 900 MHz APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
MS1453 ADPOW-MS1453 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASESTATION APPLICATIONS
SD1420-01 ADPOW-SD1420-01 Datasheet
77Kb / 3P
RF AND MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com