Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1536 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1536
Description  RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1536 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1536 Datasheet HTML 1Page - Advanced Power Technology MS1536 Datasheet HTML 2Page - Advanced Power Technology MS1536 Datasheet HTML 3Page - Advanced Power Technology MS1536 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS1536
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 50mA
IE = 0mA
55
---
---
V
BVCES
IC = 50mA
VBE = 0mA
55
---
---
V
BVCEO
IC = 50mA
IB = 0mA
28
---
---
V
BVEBO
IE = 10mA
IC = 0mA
3.0
---
---
V
ICES
VCE = 25V
IE = 0mA
---
---
10
mA
HFE
VCE = 5V
IC = 2A
20
---
150
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 900 MHz
PIN = 12W
VCE = 24V
60
---
---
W
GP
f = 900 MHz
PIN = 12W
VCE = 24V
7.5
---
---
dB
ηη
C
f = 900 MHz
PIN = 12W
VCE = 24V
55
---
---
%
COB
f = 1 MHz
VCB = 24 V
---
---
70
pf
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
960 MHz
3.8 - j3.8
4.9 + j2.0
900 MHz
7.6 - j3.4
5.0 + j0.4
870 MHz
9.4 - j2.6
4.3 + j.06
800 MHz
10.8 + j1.0
4.3 + j0.5
POUT = 60W
VCE = 24V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com