Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61200 Datasheet (PDF) - Diodes Incorporated

AP61200 Datasheet PDF - Diodes Incorporated
Part # AP61200
Download  AP61200 Download
File Size   2030.96 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER

AP61200 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP61200 Datasheet PDF - Diodes Incorporated

Part # AP61200
Download  AP61200 Click to download

File Size   2030.96 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER

AP61200 Datasheet (HTML) - Diodes Incorporated


AP61200 Product details

Features
- VIN: 2.3V to 5.5V
- Output Voltage (VOUT): 0.6V to 3.6V
- 2A Continuous Output Current
- 0.6V ± 2% Reference Voltage
- 19μA Low Quiescent Current (Pulse Frequency Modulation)
- 1.3MHz Switching Frequency (VIN = 5V, VOUT = 1.8V)
- Up to 89% Efficiency at 5mA Light Load
- Operation Mode Options
- Pulse Frequency Modulation: AP61200 and AP61202
- Force Pulse Width Modulation: AP61201 and AP61203
- Power-Good Indicator
- AP61202 and AP61203
- Protection Circuitry
- Undervoltage Lockout (UVLO)
- VIN Overvoltage Protection (OVP)
- Peak Current Limit
- Valley Current Limit
- Thermal Shutdown
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- 5V distributed power bus supplies
- White goods and small home appliances
- FPGA, DSP, and ASIC supplies
- Network video cameras
- Wireless routers
- Consumer electronics
- General purpose point of loads




Similar Part No. - AP61200

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP61200 DIODES-AP61200 Datasheet
355Kb / 2P
Tiny, Ultra-Low IQ, 400mA COT, Synchronous Buck Converters Increase Operating Battery Life in Portable Devices
More results


Similar Description - AP61200

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8526 BELLING-BL8526 Datasheet
562Kb / 6P
2A 1.4M 5.5V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
logo
Diodes Incorporated
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
AP62200 DIODES-AP62200 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP63200Q DIODES-AP63200Q Datasheet
2Mb / 30P
AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 September 2021
AP66200 DIODES-AP66200 Datasheet
2Mb / 26P
3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
AP66200Q DIODES-AP66200Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com