Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61100 Datasheet (PDF) - Diodes Incorporated

AP61100 Datasheet PDF - Diodes Incorporated
Part # AP61100
Download  AP61100 Download
File Size   1916.63 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER

AP61100 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP61100 Datasheet PDF - Diodes Incorporated

Part # AP61100
Download  AP61100 Click to download

File Size   1916.63 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER

AP61100 Datasheet (HTML) - Diodes Incorporated


AP61100 Product details

Features
VIN: 2.3V to 5.5V
Output Voltage (VOUT): 0.6V to 3.6V
1A Continuous Output Current
0.6V ± 2% Reference Voltage
15μA Low Quiescent Current (Pulse Frequency Modulation)
2.2MHz Switching Frequency (VIN = 5V, VOUT = 1.8V)
Up to 89% Efficiency at 5mA Light Load
Programmable Operation Mode Through EN
Pulse Frequency Modulation
Pulse Width Modulation Regardless of Output Load
Power-Good Indicator
AP61102
Protection Circuitry
Undervoltage Lockout (UVLO)
VIN Overvoltage Protection (OVP)
Peak Current Limit
Valley Current Limit
Thermal Shutdown
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control

Applications
5V distributed power bus supplies
White goods and small home appliances
FPGA, DSP, and ASIC supplies
Network video cameras
Wireless routers
Consumer electronics
General purpose point of loads




Similar Part No. - AP61100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP61100 DIODES-AP61100 Datasheet
355Kb / 2P
Tiny, Ultra-Low IQ, 400mA COT, Synchronous Buck Converters Increase Operating Battery Life in Portable Devices
AP61100Q DIODES-AP61100Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61100Q DIODES-AP61100Q Datasheet
367Kb / 2P
5.5V, 2A, Low IQ, Synchronous Buck Converter in Tiny SOT563 for Protected Point-of-Load Automotive Rails
August 2025
AP61100Q DIODES-AP61100Q Datasheet
350Kb / 2P
5.5V, 4A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny V-DFN1515-6/SWP (Type UX)
June 2025
More results


Similar Description - AP61100

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
logo
Diodes Incorporated
AP62200 DIODES-AP62200 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP62150 DIODES-AP62150 Datasheet
1Mb / 21P
4.2V TO 18V INPUT, 1.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 January 2021
AP62250 DIODES-AP62250 Datasheet
1Mb / 21P
4.2V TO 18V INPUT, 2.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 January 2021
AP66200 DIODES-AP66200 Datasheet
2Mb / 26P
3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
AP66300 DIODES-AP66300 Datasheet
2Mb / 25P
3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com