Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP62250 Datasheet (PDF) - Diodes Incorporated

AP62250 Datasheet PDF - Diodes Incorporated
Part # AP62250
Download  AP62250 Download
File Size   1292.91 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.2V TO 18V INPUT, 2.5A LOW IQ SYNCHRONOUS BUCK CONVERTER

AP62250 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP62250 Datasheet PDF - Diodes Incorporated

Part # AP62250
Download  AP62250 Click to download

File Size   1292.91 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.2V TO 18V INPUT, 2.5A LOW IQ SYNCHRONOUS BUCK CONVERTER

AP62250 Datasheet (HTML) - Diodes Incorporated


AP62250 Product details

Features
- VIN: 4.2V to 18V
- Output Voltage (VOUT): 0.8V to 7V
- 2.5A Continuous Output Current
- 0.8V ± 1% Reference Voltage (TA = +25°C)
- 155μA Low Quiescent Current (Pulse Frequency Modulation)
- 1.3MHz Switching Frequency (VIN = 12V, VOUT = 5V)
- Proprietary Gate Driver Design for Best EMI Reduction
- Protection Circuitry
- Undervoltage Lockout (UVLO)
- Cycle-by-Cycle Valley Current Limit
- Thermal Shutdown
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- 5V and 12V Distributed Power Bus Supplies
- Flat Screen TV Sets and Monitors
- White Goods and Small Home Appliances
- FPGA, DSP, and ASIC Supplies
- Home Audio
- Network Systems
- Gaming Consoles
- Consumer Electronics
- General Purpose Point of Load




Similar Part No. - AP62250

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AP622 WJCI-AP622 Datasheet
190Kb / 4P
UMTS-band 4W HBT Amplifier Module
logo
Diodes Incorporated
AP62200 DIODES-AP62200 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62200T DIODES-AP62200T Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62200TWU-7 DIODES-AP62200TWU-7 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62200WU-7 DIODES-AP62200WU-7 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
More results


Similar Description - AP62250

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB Datasheet
769Kb / 21P
4.2V to 18V, 3A 1ch Synchronous Buck Converter integrated FET
logo
SHANGHAI BELLING CO., L...
BL8092 BELLING-BL8092 Datasheet
605Kb / 7P
18V (30V spike)2.5A Synchronous PFM/PWM Buck Converter
logo
Diodes Incorporated
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
AP62200 DIODES-AP62200 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
AP62150 DIODES-AP62150 Datasheet
1Mb / 21P
4.2V TO 18V INPUT, 1.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 January 2021
AP62300 DIODES-AP62300 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 January 2021
AP66200 DIODES-AP66200 Datasheet
2Mb / 26P
3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com