Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP622 Datasheet (PDF) - WJ Communication. Inc.

AP622 Datasheet PDF - WJ Communication. Inc.
Part # AP622
Download  AP622 Download
File Size   190.65 Kbytes
Page   4 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description UMTS-band 4W HBT Amplifier Module

AP622 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP622 Datasheet PDF - WJ Communication. Inc.

Part # AP622
Download  AP622 Click to download

File Size   190.65 Kbytes
Page   4 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description UMTS-band 4W HBT Amplifier Module

AP622 Datasheet (HTML) - WJ Communication. Inc.


AP622 Product details

Product Description

The  AP622 power amplifier  module is a two-stage power amplifier module that operates over the frequency range of 2110  –  2170  MHz  and  is  housed  in  a  small,  RoHS compliant,  flange-mount  package.   The  multi-stage amplifier  module has a 28 dB gain, P1dB of 35dBm, and ACLR of –55dBc at +23 dBm output power for WCDMA applications.



Product Features

•  2.11 – 2.17 GHz

•  28 dB Gain

•  -55 dBc ACLR @ +23 dBm Pavg

•  +35 dBm P1dB

•  +28 V Supply

•  Power Down Mode

•  RoHS-compliant flange-mount pkg



Applications

•  WCDMA Power Amplifiers

•  Repeaters




Similar Part No. - AP622

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP62200 DIODES-AP62200 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62200T DIODES-AP62200T Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62200TWU-7 DIODES-AP62200TWU-7 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62200WU-7 DIODES-AP62200WU-7 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62200Z6-7 DIODES-AP62200Z6-7 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
More results


Similar Description - AP622

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP134-501 ALPHA-AP134-501 Datasheet
344Kb / 5P
Tri-Band HBT Power Amplifier Module
logo
List of Unclassifed Man...
AP504 ETC1-AP504 Datasheet
324Kb / 5P
DCS-band 4W HBT Amplifier Module
logo
WJ Communication. Inc.
AP501 WJCI-AP501 Datasheet
380Kb / 5P
PCS-band 4W HBT Amplifier Module
AP502 WJCI-AP502 Datasheet
389Kb / 5P
UMTS-band 4W HBT Amplifier Module
AP503 WJCI-AP503 Datasheet
321Kb / 5P
DCS-band 4W HBT Amplifier Module
AP512 WJCI-AP512 Datasheet
267Kb / 5P
UMTS-band 8W HBT Amplifier Module
AP513 WJCI-AP513 Datasheet
311Kb / 5P
DCS-band 8W HBT Amplifier Module
AP504 WJCI-AP504 Datasheet
218Kb / 5P
DCS-band 4W HBT Amplifier Module
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
UMTS Dual-Band 4x5mm Power Amplifier Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com