Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP501 Datasheet (PDF) - WJ Communication. Inc.

AP501 Datasheet PDF - WJ Communication. Inc.
Part # AP501
Download  AP501 Download
File Size   380.18 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description PCS-band 4W HBT Amplifier Module

AP501 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP501 Datasheet PDF - WJ Communication. Inc.

Part # AP501
Download  AP501 Click to download

File Size   380.18 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description PCS-band 4W HBT Amplifier Module

AP501 Datasheet (HTML) - WJ Communication. Inc.


AP501 Product details

Product Description
The AP501 is a high dynamic range power amplifier in a RoHS-compliant flange-mount package. The multi-stage amplifier module has 32.5 dB gain, while being able to achieve high performance for PCS-band applications with +36 dBm of compressed 1dB power. The module has been internally optimized for driver applications provide -62 dBc ACPR at 27 dBm for IS-95A applications or -55 dBc ACLR at 26.5 for wCDMA applications. The module can be biased down for current when higher efficiency is required.

Product Features
• 1930 – 1990 MHz
• 32.5 dB Gain
• +36 dBm P1dB
• -62 dBc ACPR
    @ 27 dBm IS-95A linear power
• -55 dBc ACLR
    @ 26.5 dBm wCDMA linear power
• +12 V Single Supply
• Power Down Mode
• Bias Current Adjustable
• RoHS-compliant flange-mount pkg

Applications
• Final stage amplifiers for repeaters
• Optimized for driver amplifier PA mobile infrastructure




Similar Part No. - AP501

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
AP5010 EXTREMENETWORKS-AP5010 Datasheet
655Kb / 13P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
AP5010-IL EXTREMENETWORKS-AP5010-IL Datasheet
655Kb / 13P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
AP5010-WW EXTREMENETWORKS-AP5010-WW Datasheet
655Kb / 13P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
logo
List of Unclassifed Man...
AP5012 ETC-AP5012 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
AP5016 ETC-AP5016 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
More results


Similar Description - AP501

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP134-501 ALPHA-AP134-501 Datasheet
344Kb / 5P
Tri-Band HBT Power Amplifier Module
logo
List of Unclassifed Man...
AP504 ETC1-AP504 Datasheet
324Kb / 5P
DCS-band 4W HBT Amplifier Module
logo
WJ Communication. Inc.
AP502 WJCI-AP502 Datasheet
389Kb / 5P
UMTS-band 4W HBT Amplifier Module
AP503 WJCI-AP503 Datasheet
321Kb / 5P
DCS-band 4W HBT Amplifier Module
AP512 WJCI-AP512 Datasheet
267Kb / 5P
UMTS-band 8W HBT Amplifier Module
AP513 WJCI-AP513 Datasheet
311Kb / 5P
DCS-band 8W HBT Amplifier Module
AP504 WJCI-AP504 Datasheet
218Kb / 5P
DCS-band 4W HBT Amplifier Module
AP622 WJCI-AP622 Datasheet
190Kb / 4P
UMTS-band 4W HBT Amplifier Module
logo
TriQuint Semiconductor
AH420 TRIQUINT-AH420 Datasheet
562Kb / 8P
4W High Linearity InGaP HBT Amplifier
AH420 TRIQUINT-AH420_15 Datasheet
683Kb / 9P
4W High Linearity InGaP HBT Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com