Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NU-E2K Datasheet (PDF) - DIWELL Electronics Co., Ltd.

NU-E2K Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # NU-E2K
Download  NU-E2K Download
File Size   187.51 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 2W UNREGULATED

NU-E2K Datasheet (PDF)

Go To PDF Page Download Datasheet
NU-E2K Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # NU-E2K
Download  NU-E2K Click to download

File Size   187.51 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 2W UNREGULATED

NU-E2K Datasheet (HTML) - DIWELL Electronics Co., Ltd.


NU-E2K Product details

FEATURES
 UP TO 2W UNREGULATED OUTPUT POWER
 100% BURN IN
 HIGH EFFICIENCY
 SMD TECHNOLOGY
 LOW COST
 UL 94V-0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 MTBF>888,000 HOURS
 RoHS COMPLIANT
 3 YEARS WARRANTY




Similar Part No. - NU-E2K

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
NU-E1K DIWELL-NU-E1K Datasheet
371Kb / 5P
1W UNREGULATED
2018/03/15
More results


Similar Description - NU-E2K

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10CU-0505E PEAK-P10CU-0505E Datasheet
222Kb / 2P
1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
RSG Electronic Componen...
DS3-XX05D RSG-DS3-XX05D Datasheet
63Kb / 1P
Dual output unregulated DC/DC converters 2W
logo
MORNSUN Science& Techno...
A0505S-2WR2 MORNSUN-A0505S-2WR2 Datasheet
811Kb / 5P
2W, FIXED INPUT, ISOLATED & UNREGULATED
logo
Mean Well Enterprises C...
SMU02 MEANWELL-SMU02 Datasheet
57Kb / 1P
2W DC-DC Unregulated Single Output Converter
logo
DIWELL Electronics Co.,...
NU_SERIES DIWELL-NU_SERIES Datasheet
477Kb / 7P
1W~2W UNREGULATED
2014/04/28
MU-2W DIWELL-MU-2W Datasheet
320Kb / 5P
2W UNREGULATED
2019/12/19
NU-SERIES DIWELL-NU-SERIES Datasheet
2Mb / 8P
1W~2W UNREGULATED
2013/02/06
PU-2W DIWELL-PU-2W Datasheet
971Kb / 8P
2W UNREGULATED
2012/05/25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com