Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NU-SERIES Datasheet (PDF) - DIWELL Electronics Co., Ltd.

NU-SERIES Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # NU-SERIES
Download  NU-SERIES Download
File Size   2660.45 Kbytes
Page   8 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 1W~2W UNREGULATED

NU-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
NU-SERIES Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # NU-SERIES
Download  NU-SERIES Click to download

File Size   2660.45 Kbytes
Page   8 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 1W~2W UNREGULATED

NU-SERIES Datasheet (HTML) - DIWELL Electronics Co., Ltd.


NU-SERIES Product details

UP TO 1W~2W UNREGULATED OUTPUT
POWER
 100% BURN IN
 HIGH EFFICIENCY
 SMD TECHNOLOGY
 LOW COST
 UL 94V-0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 MTBF>2,000,000 HOURS
 RoHS COMPLIANT
 2 YEARS WARRANTY




Similar Part No. - NU-SERIES

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
NU-33B54B-K OPTOWAY-NU-33B54B-K Datasheet
119Kb / 5P
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
NU-33B54B-P OPTOWAY-NU-33B54B-P Datasheet
118Kb / 5P
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
NU-33B54B-P OPTOWAY-NU-33B54B-P Datasheet
119Kb / 5P
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
NU-33B54B-P-A OPTOWAY-NU-33B54B-P-A Datasheet
118Kb / 5P
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
NU-33B54B-P-A OPTOWAY-NU-33B54B-P-A Datasheet
119Kb / 5P
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
More results


Similar Description - NU-SERIES

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0505S-2WR2 MORNSUN-A0505S-2WR2 Datasheet
811Kb / 5P
2W, FIXED INPUT, ISOLATED & UNREGULATED
logo
DIWELL Electronics Co.,...
NU_SERIES DIWELL-NU_SERIES Datasheet
477Kb / 7P
1W~2W UNREGULATED
2014/04/28
NU-C1 DIWELL-NU-C1 Datasheet
353Kb / 5P
1W UNREGULATED
2018/01/02
NU-E1K DIWELL-NU-E1K Datasheet
371Kb / 5P
1W UNREGULATED
2018/03/15
NU-E2K DIWELL-NU-E2K Datasheet
187Kb / 5P
2W UNREGULATED
2018/06/26
MU-2W DIWELL-MU-2W Datasheet
320Kb / 5P
2W UNREGULATED
2019/12/19
MU-SERIES DIWELL-MU-SERIES Datasheet
381Kb / 6P
1W UNREGULATED
2010/12/01
PU-2W DIWELL-PU-2W Datasheet
971Kb / 8P
2W UNREGULATED
2012/05/25
PU-S DIWELL-PU-S Datasheet
550Kb / 5P
1W UNREGULATED
2012/11/21
TU-SERIES DIWELL-TU-SERIES Datasheet
361Kb / 6P
1W UNREGULATED
2011/06/28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com