Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TU-SERIES Datasheet (PDF) - DIWELL Electronics Co., Ltd.

TU-SERIES Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # TU-SERIES
Download  TU-SERIES Download
File Size   361.63 Kbytes
Page   6 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 1W UNREGULATED

TU-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
TU-SERIES Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # TU-SERIES
Download  TU-SERIES Click to download

File Size   361.63 Kbytes
Page   6 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 1W UNREGULATED

TU-SERIES Datasheet (HTML) - DIWELL Electronics Co., Ltd.


TU-SERIES Product details

DUAL IN LINE PACKAGE
 1W UNREGULATED OUTPUT POWER
 100% BURNED IN
 HIGH EFFICIENCY
 INTERNAL SMD TECHNOLOGY
 LOW COST
 NO HEATSINK REQUIRED
 UL 94V-0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 1500VDC ISOLATION
 RoHS COMPLIANT
 3 YEARS WARRANTY




Similar Part No. - TU-SERIES

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
TU-SD9-006-RI2 BELDEN-TU-SD9-006-RI2 Datasheet
172Kb / 2P
Tray, InOutdoor, DN, OS2, 6f, Non-Unit, AIA, Dbl Jkt, Blk, CPE, OFCR, Oil Res 1/2
2022 Belden, Inc
TU-SD9-006-RI2N BELDEN-TU-SD9-006-RI2N Datasheet
172Kb / 2P
Tray, InOutdoor, DN, OS2, 6f, Non-Unit, AIA, Dbl Jkt, Blk, CPE, OFCR, Oil Res 1/2
2022 Belden, Inc
TU-SD9-006-RN2 BELDEN-TU-SD9-006-RN2 Datasheet
176Kb / 2P
Tray, InOutdoor, DN, OS2, 6f, Non-Unit, Sgl Jkt, Blk, CPE, OFNR, Oil Res 1/2
2022 Belden, Inc
TU-SD9-006-RN2N BELDEN-TU-SD9-006-RN2N Datasheet
176Kb / 2P
Tray, InOutdoor, DN, OS2, 6f, Non-Unit, Sgl Jkt, Blk, CPE, OFNR, Oil Res 1/2
2022 Belden, Inc
TU-SD9-012-RI2 BELDEN-TU-SD9-012-RI2 Datasheet
174Kb / 2P
Tray, InOutdoor, DN, OS2, 12f, Non-Unit, AIA, Dbl Jkt, Blk, CPE, OFCR, Oil Res 1/2
2022 Belden, Inc
More results


Similar Description - TU-SERIES

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
PEAK electronics GmbH
P6LU PEAK-P6LU Datasheet
248Kb / 2P
4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
logo
Mean Well Enterprises C...
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
1W DC-DC Unregulated Single Output Converter
logo
MORNSUN Science& Techno...
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
logo
DIWELL Electronics Co.,...
NU_SERIES DIWELL-NU_SERIES Datasheet
477Kb / 7P
1W~2W UNREGULATED
2014/04/28
NU-C1 DIWELL-NU-C1 Datasheet
353Kb / 5P
1W UNREGULATED
2018/01/02
NU-E1K DIWELL-NU-E1K Datasheet
371Kb / 5P
1W UNREGULATED
2018/03/15
MU-SERIES DIWELL-MU-SERIES Datasheet
381Kb / 6P
1W UNREGULATED
2010/12/01
NU-SERIES DIWELL-NU-SERIES Datasheet
2Mb / 8P
1W~2W UNREGULATED
2013/02/06
PU-S DIWELL-PU-S Datasheet
550Kb / 5P
1W UNREGULATED
2012/11/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com