Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1716 Datasheet (PDF) - Alpha Wire

1716 Datasheet PDF - Alpha Wire
Part # 1716
Download  1716 Download
File Size   97.75 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

1716 Datasheet (PDF)

Go To PDF Page Download Datasheet
1716 Datasheet PDF - Alpha Wire

Part # 1716
Download  1716 Click to download

File Size   97.75 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

1716 Datasheet (HTML) - Alpha Wire


1716 Product details

Construction
Diameters (In)
1) Component 1 5 X 1 COND
a) Conductor 20 (26/34) AWG Tinned Copper 0.038
b) Insulation 0.015" Wall, Nom. Polyethylene(PE) 0.068
(1) Color Code Alpha Wire Color Code H
Cond Color Cond Color Cond Color
1 BLACK 3 RED 5 YELLOW
2 WHITE 4 GREEN
2) Cable Assembly 5 Components Cabled
a) Twists: 4.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min.
3) Shield
Tinned Copper BRAID Shield,85%
Coverage, Min.
4) Jacket 0.035" Wall, Nom.,PVC 0.285 (0.297 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1716
CE ROHS
* = Factory Code




Similar Part No. - 1716

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
1716 L-COM-1716 Datasheet
46Kb / 1P
TYPE N MALE R.A. FOR 195R/RG58
4/6/10
logo
Adafruit Industries
1716 ADAFRUIT-1716 Datasheet
405Kb / 3P
Qualia Bare Driver Board for LP097QX1 Display
logo
PHOENIX CONTACT
1716001 PHOENIX-1716001 Datasheet
80Kb / 4P
Printed-circuit board connector - TVFKCL 1,5/10-ST
1716009 PHOENIX-1716009 Datasheet
694Kb / 13P
MVSTBR 2,5/ 2-STF-5,08 GY - PCB connector
1716046 PHOENIX-1716046 Datasheet
277Kb / 7P
PTF 0,3/ 4-WB-10-H PC2134 L150 - Cable set
More results


Similar Description - 1716

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com