Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1716 Datasheet (PDF) - Infinite Electronics International, Inc.

1716 Datasheet PDF - Infinite Electronics International, Inc.
Part # 1716
Download  1716 Download
File Size   46.98 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description TYPE N MALE R.A. FOR 195R/RG58

1716 Datasheet (PDF)

Go To PDF Page Download Datasheet
1716 Datasheet PDF - Infinite Electronics International, Inc.

Part # 1716
Download  1716 Click to download

File Size   46.98 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description TYPE N MALE R.A. FOR 195R/RG58

1716 Datasheet (HTML) - Infinite Electronics International, Inc.


1716 Product details

IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC ~ 6 GHz
VOLTAGE RATING: 1500 VOLTS
DIELECTRIC WITHSTANDING VOLTAGE: 2500 V rms
CABLE RETENTION: 30 LBS
APPLICATION: LOW-LOSS 195 SERIES & RG58.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - 1716

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1716 ALPHAWIRE-1716 Datasheet
97Kb / 4P
Customer SpecificationS
12/5/2022
logo
Adafruit Industries
1716 ADAFRUIT-1716 Datasheet
405Kb / 3P
Qualia Bare Driver Board for LP097QX1 Display
logo
PHOENIX CONTACT
1716001 PHOENIX-1716001 Datasheet
80Kb / 4P
Printed-circuit board connector - TVFKCL 1,5/10-ST
1716009 PHOENIX-1716009 Datasheet
694Kb / 13P
MVSTBR 2,5/ 2-STF-5,08 GY - PCB connector
1716046 PHOENIX-1716046 Datasheet
277Kb / 7P
PTF 0,3/ 4-WB-10-H PC2134 L150 - Cable set
More results


Similar Description - 1716

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4436 PASTERNACK-PE4436 Datasheet
107Kb / 1P
N MALE CRIMP ATTACHMENT FOR RG58
PE4517 PASTERNACK-PE4517 Datasheet
106Kb / 1P
C MALE CRIMP ATTAHCHMENT FOR RG58
PE4478 PASTERNACK-PE4478 Datasheet
107Kb / 1P
HN MALE CRIMP ATTACHMENT FOR RG58
logo
Adam Technologies, Inc.
RF46-01-T-01-50 ADAM-TECH-RF46-01-T-01-50 Datasheet
85Kb / 1P
SHV MALE CRIMP FOR RG58
logo
List of Unclassifed Man...
CONN007-R58 ETC2-CONN007-R58 Datasheet
156Kb / 1P
N MALE CABLE END CRIMP FOR RG58 CABLE
logo
Pasternack Enterprises,...
PE4577 PASTERNACK-PE4577 Datasheet
303Kb / 1P
SMA MALE CRIMP ATTACHMENT FOR RG58
PE44183 PASTERNACK-PE44183 Datasheet
83Kb / 1P
REVERSE THREAD SMA MALE, CRIMP ATTACHMENT FOR RG58
PE44473 PASTERNACK-PE44473 Datasheet
82Kb / 1P
REVERSE POLARITY N MALE CRIMP ATTACHMENT FOR RG58
logo
Linx Technologies
CONN007-R58 LINX-CONN007-R58 Datasheet
249Kb / 1P
N MALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
CONN012-R58 LINX-CONN012-R58 Datasheet
253Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com