Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

122 Datasheet (PDF) - Vishay Siliconix

122 Datasheet PDF - Vishay Siliconix
Part # 122
Download  122 Download
File Size   351.85 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 1/16" (27 mm) Single Turn Wirewound Precision Potentiometer

122 Datasheet (PDF)

Go To PDF Page Download Datasheet
122 Datasheet PDF - Vishay Siliconix

Part # 122
Download  122 Click to download

File Size   351.85 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 1/16" (27 mm) Single Turn Wirewound Precision Potentiometer

122 Datasheet (HTML) - Vishay Siliconix


122 Product details

FEATURES
• Gangable up to 6 sections
• Extra taps on request
• Bushing or servo mount types available
• Ohmic value range: 5  up to 100 k
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 122

ManufacturerPart #DatasheetDescription
logo
Littelfuse
122 LITTELFUSE-122 Datasheet
884Kb / 2P
102/122 Series Circuit Board Mount Fuse Clips for 1/4” Diameter Fuses
01/14/19
logo
Eclipse Magnetics Ltd
122 ECLIPSEMAGNETICS-122 Datasheet
22Kb / 1P
Pin vices
logo
CEE Norm UK Ltd
122 CEENORM-122 Datasheet
1Mb / 4P
Socket Outlets
logo
Marl International Limi...
122-000-01-50 MARL-122-000-01-50 Datasheet
215Kb / 3P
PCB MOUNTING LEDs - 횠 3mm
122-000-01-51 MARL-122-000-01-51 Datasheet
215Kb / 3P
PCB MOUNTING LEDs - 횠 3mm
More results


Similar Description - 122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
7600 BITECH-7600 Datasheet
63Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL100 VISHAY-MODEL100 Datasheet
289Kb / 4P
1 5/16 (33.3 mm) Single Turn Wirewound Precision Potentiometer
28-Jun-07
MODEL122 VISHAY-MODEL122 Datasheet
277Kb / 4P
1 1/16 (27 mm) Single Turn Wirewound Precision Potentiometer
03-Jul-07
MODEL128 VISHAY-MODEL128 Datasheet
255Kb / 4P
1 1/16 (27 mm) Single Turn Conductive Plastic Precision Potentiometer
04-Jul-07
MODEL202 VISHAY-MODEL202 Datasheet
419Kb / 4P
1 3/4 (44.5 mm) Single Turn Wirewound Precision Potentiometer
20-Jun-07
logo
Bi technologies
7601 BITECH-7601 Datasheet
64Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
128 VISHAY-128 Datasheet
347Kb / 4P
1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
202 VISHAY-202 Datasheet
116Kb / 4P
1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
07-Dec-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com