Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128 Datasheet (PDF) - Vishay Siliconix

128 Datasheet PDF - Vishay Siliconix
Part # 128
Download  128 Download
File Size   347.0 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer

128 Datasheet (PDF)

Go To PDF Page Download Datasheet
128 Datasheet PDF - Vishay Siliconix

Part # 128
Download  128 Click to download

File Size   347.0 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer

128 Datasheet (HTML) - Vishay Siliconix


128 Product details

FEATURES
• 1 1/16" round
• Bushing mount and servo mount types
• Designed for high reliability applications
• Ohmic value range: 500  to 50 k
• Rotational life exceeds 20 million shaft revolutions
• Virtually infinite resolution
• Up to 6 sections available
• Co-molded track and multi-finger wiper provide low noise
signal
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 128

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
128 INTERSIL-128 Datasheet
298Kb / 13P
Ultra High Frequency Transistor Arrays
December 21, 2005
logo
Honeywell Solid State E...
128 HONEYWELL-128 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
128 ETC2-128 Datasheet
259Kb / 1P
Wiha Insulated 1/4 Sockets & Sets
128 ETC2-128 Datasheet
256Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
Alpha Wire
128 ALPHAWIRE-128 Datasheet
100Kb / 4P
Customer Specification
8/30/2022
More results


Similar Description - 128

ManufacturerPart #DatasheetDescription
logo
Bi technologies
3371 BITECH-3371 Datasheet
75Kb / 3P
1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
6370 BITECH-6370 Datasheet
61Kb / 4P
1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
logo
Vishay Siliconix
MODEL100 VISHAY-MODEL100 Datasheet
289Kb / 4P
1 5/16 (33.3 mm) Single Turn Wirewound Precision Potentiometer
28-Jun-07
MODEL122 VISHAY-MODEL122 Datasheet
277Kb / 4P
1 1/16 (27 mm) Single Turn Wirewound Precision Potentiometer
03-Jul-07
MODEL128 VISHAY-MODEL128 Datasheet
255Kb / 4P
1 1/16 (27 mm) Single Turn Conductive Plastic Precision Potentiometer
04-Jul-07
MODEL208 VISHAY-MODEL208 Datasheet
115Kb / 4P
1 3/4 (44.5 mm) Single Turn Conductive Plastic Precision Potentiometer
04-Mar-08
MODEL308 VISHAY-MODEL308 Datasheet
261Kb / 4P
2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
22-Mar-07
138 VISHAY-138 Datasheet
76Kb / 3P
1 5/16" (33.3 mm) Industrial Single Turn, Bushing Mount, Conductive Plastic Potentiometer
29-Nov-17
308 VISHAY-308 Datasheet
350Kb / 4P
2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
708 VISHAY-708 Datasheet
342Kb / 4P
(22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com