Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

708 Datasheet (PDF) - Vishay Siliconix

708 Datasheet PDF - Vishay Siliconix
Part # 708
Download  708 Download
File Size   342.34 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer

708 Datasheet (PDF)

Go To PDF Page Download Datasheet
708 Datasheet PDF - Vishay Siliconix

Part # 708
Download  708 Click to download

File Size   342.34 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer

708 Datasheet (HTML) - Vishay Siliconix


708 Product details

FEATURES
• Virtually infinite resolution
• Bushing mount and servo mount types
available
• Rotational life exceeds 20 million shaft revolutions
• Co-molded track and multi-finger wiper provide low noise
signal
• Ohmic value range: 500  to 50 k
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 708

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
708 ENERCON-708 Datasheet
741Kb / 2P
Compact, Portable IP67 Military Fast Ethernet Switch
logo
Curtis Instruments, Inc...
708 CURTIS-708 Datasheet
672Kb / 6P
SOLID STATE DIGITAL METER MODULES
REV E 4 /04
logo
Keystone Electronics Co...
708 KEYSTONE-708 Datasheet
503Kb / 1P
THREADED MOUNTING BRACKETS
31-07 20th
logo
Walther-Werke
708 WALTHER-708 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Apex Electronics Co., L...
708-1 APEX-ELECTRONICS-708-1 Datasheet
506Kb / 3P
Toggle switches
More results


Similar Description - 708

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
19-Jun-07
MODEL159 VISHAY-MODEL159 Datasheet
272Kb / 4P
7/8 (22.2 mm) Single Turn Cermet Precision Potentiometer
07-Sep-07
MODEL308 VISHAY-MODEL308 Datasheet
261Kb / 4P
2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
22-Mar-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
02-Jul-07
128 VISHAY-128 Datasheet
347Kb / 4P
1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
152 VISHAY-152 Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
308 VISHAY-308 Datasheet
350Kb / 4P
2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
536 VISHAY-536 Datasheet
86Kb / 4P
(22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
30-Jun-15
702 VISHAY-702 Datasheet
103Kb / 4P
(22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
29-Nov-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com