Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

708 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 708
Description  (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

708 Datasheet(HTML) 3 Page - Vishay Siliconix

  708 Datasheet HTML 1Page - Vishay Siliconix 708 Datasheet HTML 2Page - Vishay Siliconix 708 Datasheet HTML 3Page - Vishay Siliconix 708 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 708
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
3
Document Number: 57070
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of
quality or durability.
POWER RATING CHART
(Ratings for cup No. 1. Additional cups 75 % of values shown)
MATERIAL SPECIFICATIONS
Housing and lids
Aluminum, anodized
Shaft
Stainless steel, non-magnetic
non-passivated
Terminals
Brass plated for solderability
Bushing mount hardware
Lockwasher internal tooth:
Panel nut:
Steel, nickel plated
Brass, nickel plated
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 Hz
Shock
50 g
Salt spray
96 h
Rotational life
Servo: 20 million shaft revolutions
Bushing: 5 million shaft revolutions
Load life
900 h
Temperature range
-55 °C to +125 °C
MARKING
Unit identification
Units shall be marked with Spectrol name, model no, and data code, and on each section, resistance,
resistance tolerance, linearity and terminal identification.
Example of a marking for a standard part: 708-22102103
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE IN °C
0.5
0
1.0
1.5
2.0
RESISTANCE ELEMENT DATA
RESISTANCE
VALUES
(
)
MAXIMUM VOLTAGE
APPLICABLE
(V)
500
22
1K
32
2K
45
5K
71
10K
100
20K
141
50K
224



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com