Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

21 Datasheet (PDF) - Vishay Siliconix

21 Datasheet PDF - Vishay Siliconix
Part # 21
Download  21 Download
File Size   90.81 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 46.02 mm Diameter 15 Turn Dial

21 Datasheet (PDF)

Go To PDF Page Download Datasheet
21 Datasheet PDF - Vishay Siliconix

Part # 21
Download  21 Click to download

File Size   90.81 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 46.02 mm Diameter 15 Turn Dial

21 Datasheet (HTML) - Vishay Siliconix


21 Product details

FEATURES
• Round vernier scale
• 1 13/16" dia.
• 1/4" or 1/8" or 6 mm metric bore shaft adapter
• Satin chrome finish with black markings
• Brushed chrome finish with black markings
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912





Similar Description - 21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
28 mm Diameter Twenty-One Turn Dial
10-Jul-12
18A11B10 VISHAY-18A11B10 Datasheet
158Kb / 2P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
09-Nov-06
21PA11B10 VISHAY-21PA11B10 Datasheet
229Kb / 2P
46.0 mm Diameter Eleven Turn Dial
23-Jan-07
21P VISHAY-21P Datasheet
93Kb / 2P
46.0 mm Diameter Eleven Turn Dial
10-Jul-12
logo
TT Electronics.
2126 TTELEC-2126 Datasheet
402Kb / 1P
Turn Counting Dial
2600 TTELEC-2600 Datasheet
486Kb / 2P
Turn Counting Dial
2640 TTELEC-2640 Datasheet
500Kb / 2P
Turn Counting Dial
2694 TTELEC-2694 Datasheet
371Kb / 1P
Turn Counting Dial
logo
Vishay Siliconix
11 VISHAY-11 Datasheet
82Kb / 2P
25.4 mm Diameter Eleven Turn Dial
01-Apr-2021
18 VISHAY-18 Datasheet
75Kb / 3P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
01-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com