Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

21 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 21
Description  46.02 mm Diameter 15 Turn Dial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

21 Datasheet(HTML) 1 Page - Vishay Siliconix

  21 Datasheet HTML 1Page - Vishay Siliconix 21 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model 21
www.vishay.com
Vishay Spectrol
Revision: 01-Apr-2021
1
Document Number: 57088
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
46.02 mm Diameter 15 Turn Dial
FEATURES
• Round vernier scale
•1 13/16" dia.
• 1/4" or 1/8" or 6 mm metric bore shaft adapter
• Satin chrome finish with black markings
• Brushed chrome finish with black markings
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
DIALS
Market appliance
Industrial
Dimensions
46 mm dia.
MECHANICAL SPECIFICATIONS
PARAMETER
Mounting
Direct to shaft with # 4 to 40
hex socket set screw located
adjacent to no. 75 on graduated dial
Numeral size:
Counter wheel:
Graduated dial:
0.90" H x 0.013" W (2.29 cm x 0.33 cm)
0.109" x 0.018" (2.77 cm x 0.46 cm)
Graduation size:
Numeral and every
Fifth
Intermediate
Width
0.55" L (1.40 cm)
0.035" L (0.89 cm)
0.012" (0.30 cm)
Weight
3.0 oz. max. (85.05 g)
OPERATIONAL SPECIFICATIONS
Readout and operation
1499 turns total
The number in window (0 thru 14)
indicates completed number of turns of
the drive sleeve. Graduated circular dial
indicates the percent of the partial
turn of the drive sleeve
Transfer point
The number in center of window shall
change as graduated dial rotates
between 94 and 0
Rotation
Readout shall increase with clockwise
and decrease with counterclockwise
rotation
Accuracy
Zero blacklash between graduated dial
and the drive sleeve
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION / DESCRIPTION
21
A
11
B010
e
MODEL
SHAFT DIAMETER AND ACCOMMODATION
FINISH AND OTHER FEATURES
PACKAGING
LEAD FINISH
A 1/4" shaft (standard)
B 6 mm metric bore shaft adapter
C 1/8" shaft adapter
11. Satin chrome, black markings
31. Brushed chrome, black markings
Example: 21 - A - 11
SAP PART NUMBERING GUIDELINES
21
A
11
B10
MODEL
SHAFT DIAMETER
FINISH
PACKAGING
0.562
(14.27)
0.094
(2.39)
0.125
(3.18)
± 0.001
Ø 0.250
(6.35)
± 0.005
- 0.000
Ø 0.390
(9.91)
DRIVE SLEEVE
MOUNTING FACE
TURNING KNOB
SET SCREW*
0.046
(1.17)
± 0.000
- 0.015
0.128
(3.25)
0.268
(6.81)
0.578
(14.68)
0.922
(23.42)
± 0.015
± 0.015
- 0.000
± 0.031
COUNTING DIAL
BRAKE LEVER
GRADUATED DIAL
BASE
Ø 1.812 P
(46.02)
1.094 R MAX.
(27.79)
± 5°
46°
± 5°
22°
*SET SCREW LOCATION AT
NO 75 ON DIAL FACE
1.000
(25.40)
± 0.015
± 0.001
- 0.000


Similar Description - 21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
28 mm Diameter Twenty-One Turn Dial
10-Jul-12
18A11B10 VISHAY-18A11B10 Datasheet
158Kb / 2P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
09-Nov-06
21PA11B10 VISHAY-21PA11B10 Datasheet
229Kb / 2P
46.0 mm Diameter Eleven Turn Dial
23-Jan-07
21P VISHAY-21P Datasheet
93Kb / 2P
46.0 mm Diameter Eleven Turn Dial
10-Jul-12
logo
TT Electronics.
2126 TTELEC-2126 Datasheet
402Kb / 1P
Turn Counting Dial
2600 TTELEC-2600 Datasheet
486Kb / 2P
Turn Counting Dial
2640 TTELEC-2640 Datasheet
500Kb / 2P
Turn Counting Dial
2694 TTELEC-2694 Datasheet
371Kb / 1P
Turn Counting Dial
logo
Vishay Siliconix
11 VISHAY-11 Datasheet
82Kb / 2P
25.4 mm Diameter Eleven Turn Dial
01-Apr-2021
18 VISHAY-18 Datasheet
75Kb / 3P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
01-Apr-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com