Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25 Datasheet (PDF) - Vishay Siliconix

25 Datasheet PDF - Vishay Siliconix
Part # 25
Download  25 Download
File Size   71.11 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Model 25 (PR1) 46 mm Diameter, 20 Turn DialS

25 Datasheet (PDF)

Go To PDF Page Download Datasheet
25 Datasheet PDF - Vishay Siliconix

Part # 25
Download  25 Click to download

File Size   71.11 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Model 25 (PR1) 46 mm Diameter, 20 Turn DialS

25 Datasheet (HTML) - Vishay Siliconix


25 Product details

FEATURES
• Large package size
• For use with precision potentiometers or other
devices, up to 20 turns
• Excellent readability
• Precision feel - no backlash
• Cast housing
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912





Similar Description - 25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18A11B10 VISHAY-18A11B10 Datasheet
158Kb / 2P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
09-Nov-06
21PA11B10 VISHAY-21PA11B10 Datasheet
229Kb / 2P
46.0 mm Diameter Eleven Turn Dial
23-Jan-07
21P VISHAY-21P Datasheet
93Kb / 2P
46.0 mm Diameter Eleven Turn Dial
10-Jul-12
11 VISHAY-11 Datasheet
82Kb / 2P
25.4 mm Diameter Eleven Turn Dial
01-Apr-2021
18 VISHAY-18 Datasheet
75Kb / 3P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
01-Apr-2021
21 VISHAY-21 Datasheet
90Kb / 2P
46.02 mm Diameter 15 Turn Dial
01-Apr-2021
21P VISHAY-21P_V01 Datasheet
90Kb / 2P
46.0 mm Diameter Eleven Turn DialS
10-Jul-12
802 VISHAY-802 Datasheet
321Kb / 4P
(46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
830 VISHAY-830_V01 Datasheet
320Kb / 4P
(46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
860 VISHAY-860_V01 Datasheet
83Kb / 4P
(46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
10-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com