Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26 Datasheet (PDF) - Vishay Siliconix

26 Datasheet PDF - Vishay Siliconix
Part # 26
Download  26 Download
File Size   112.23 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multidial 10 Turns 30.6 mm Diameter Recessed Design

26 Datasheet (PDF)

Go To PDF Page Download Datasheet
26 Datasheet PDF - Vishay Siliconix

Part # 26
Download  26 Click to download

File Size   112.23 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multidial 10 Turns 30.6 mm Diameter Recessed Design

26 Datasheet (HTML) - Vishay Siliconix


26 Product details

FEATURES
• Black body, satin face with chrome ring
• White three digit markings on black background
• Additional graduations for fine adjustment
• Protective window
• Locking lever for fixed position
• Suitable for 6.35 mm shafts
• Supplied with locking key and mounting instructions
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912





Similar Description - 26

ManufacturerPart #DatasheetDescription
logo
Bi technologies
2694 BITECH-2694 Datasheet
147Kb / 1P
Turns Counting Dial 7/8 Diameter Analog For 6 mm shaft
logo
Vishay Siliconix
MODEL533 VISHAY-MODEL533 Datasheet
119Kb / 4P
7/8inch (22 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
02-Jul-07
logo
Rhombus Industries Inc.
T-1041 RHOMBUS-IND-T-1041 Datasheet
35Kb / 1P
Turns Ratio: 10 Turns : 3 Turns
7/15/95
logo
Vishay Siliconix
533 VISHAY-533_10 Datasheet
100Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
533-1-1-103 VISHAY-533-1-1-103 Datasheet
103Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
17-Apr-13
535B1502JCB VISHAY-535B1502JCB Datasheet
93Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
534B VISHAY-534B Datasheet
85Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
18-Mar-14
logo
TT Electronics.
OV4ZRGBA TTELEC-OV4ZRGBA Datasheet
216Kb / 3P
Multi-LED Recessed Die Design (RDD)
logo
Vishay Siliconix
23 VISHAY-23 Datasheet
82Kb / 2P
Multidial 10 Turns 30.6 mm Diameter Projecting Design
19-Oct-2018
533 VISHAY-533_V01 Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com