Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R46 Datasheet (PDF) - Kemet Corporation

R46 Datasheet PDF - Kemet Corporation
Part # R46_V01
Download  R46 Download
File Size   2725.25 Kbytes
Page   18 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Metallized Polypropylene Film EMI Suppression Capacitors

R46 Datasheet (PDF)

Go To PDF Page Download Datasheet
R46 Datasheet PDF - Kemet Corporation

Part # R46_V01
Download  R46 Click to download

File Size   2725.25 Kbytes
Page   18 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Metallized Polypropylene Film EMI Suppression Capacitors

R46 Datasheet (HTML) - Kemet Corporation


R46 Product details

Overview
The R46 series is constructed of metallized polypropylene
film encapsulated with self-extinguishing resin in a box of
material that meets the requirements of UL 94 V–0.

Benefits
• Approvals: ENEC, UL, cUL, CQC
• X2 CLASS (IEC 60384-14)
• Rated voltage: 310 VAC 50/60 Hz
• Capacitance range: 0.01 – 15 μF
• Lead spacing: 10.0 – 37.5 mm
• Capacitance tolerance: ±20%, ±10%
• Climatic category 40/125/56, IEC 60068-1
• Tape & Reel in accordance with IEC 60286-2
• RoHS compliant and lead-free terminations
• Operating temperature range of −40°C to +125°C
• 100% screening factory test at 2,200 VDC/1,500 VAC
• Self healing properties

Applications
For worldwide use in electromagnetic interference (EMI)
suppression in across-the-line applications that require X2
safety classification. Intended for use in situations in which
capacitor failure would not result in exposure to electric
shock. Not for use in "series with mains" type applications.




Similar Part No. - R46_V01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R4607-01 HAMAMATSU-R4607-01 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R4607A-01 HAMAMATSU-R4607A-01_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
logo
GIACOMINI WATER E-MOTIO...
R460HX011 GIACOMINI-R460HX011 Datasheet
870Kb / 6P
Thermostatic head with threaded connection M30 x 1,5 mm
logo
ON Semiconductor
R460PF2 ONSEMI-R460PF2 Datasheet
222Kb / 7P
4 A, 600 V, STEALTH Diode
March, 2019 - Rev. 3
logo
GIACOMINI WATER E-MOTIO...
R460X001 GIACOMINI-R460X001 Datasheet
881Kb / 5P
Thermostatic head with Clip Clap quick connection
More results


Similar Description - R46_V01

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
Metallized Polypropylene Film EMI Suppression Capacitors
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
Metallized Polypropylene Film EMI Suppression Capacitors
PHE845VD5100MR06L2 KEMET-PHE845VD5100MR06L2 Datasheet
1Mb / 14P
Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com