Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL1003 Datasheet (PDF) - Mimix Broadband

XL1003 Datasheet PDF - Mimix Broadband
Part # XL1003
Download  XL1003 Download
File Size   174.57 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 24.0-40.0 GHz GaAs MMIC Low Noise Amplifier

XL1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL1003 Datasheet PDF - Mimix Broadband

Part # XL1003
Download  XL1003 Click to download

File Size   174.57 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 24.0-40.0 GHz GaAs MMIC Low Noise Amplifier

XL1003 Datasheet (HTML) - Mimix Broadband


XL1003 Product details

General Description
Mimix Broadband’s three stage output balanced 24.0-40.0 GHz GaAs MMIC low noise amplifier has a small signal gain of 24.0 dB with a noise figure of 1.7 dB across the band. This MMIC uses Mimix Broadband’s 0.1 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
◆ Balanced Output Stage
◆ Excellent Input/Output Match
◆ Self-biased Architecture
◆ 24.0 dB Small Signal Gain
◆ 1.7 dB Noise Figure
◆ 100% On-Wafer RF, DC and Noise Figure Testing
◆ 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - XL1003

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1003-BD MIMIX-XL1003-BD Datasheet
175Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1003-BD-000V MIMIX-XL1003-BD-000V Datasheet
175Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1003-BD-000W MIMIX-XL1003-BD-000W Datasheet
175Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1003-BD-EV1 MIMIX-XL1003-BD-EV1 Datasheet
175Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
More results


Similar Description - XL1003

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
28MPA0304 MIMIX-28MPA0304 Datasheet
345Kb / 6P
24.0-34.0 GHz GaAs MMIC Power Amplifier
XL1000 MIMIX-XL1000 Datasheet
953Kb / 7P
20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XP1000 MIMIX-XP1000 Datasheet
995Kb / 6P
17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1010 MIMIX-XP1010 Datasheet
170Kb / 7P
21.0-24.0 GHz GaAs MMIC Power Amplifier
XP1011 MIMIX-XP1011 Datasheet
156Kb / 6P
36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1023-BD MIMIX-XP1023-BD Datasheet
274Kb / 6P
24.0-34.0 GHz GaAs MMIC Power Amplifier
XL1000-BD MIMIX-XL1000-BD Datasheet
268Kb / 7P
20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1003-BD MIMIX-XL1003-BD Datasheet
175Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com