Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1006191 Datasheet (PDF) - PHOENIX CONTACT

1006191 Datasheet PDF - PHOENIX CONTACT
Part # 1006191
Download  1006191 Download
File Size   889.59 Kbytes
Page   26 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2314-2SFP

1006191 Datasheet (PDF)

Go To PDF Page Download Datasheet
1006191 Datasheet PDF - PHOENIX CONTACT

Part # 1006191
Download  1006191 Click to download

File Size   889.59 Kbytes
Page   26 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2314-2SFP

1006191 Datasheet (HTML) - PHOENIX CONTACT


1006191 Product details

Managed Switch 2000, 14 RJ45 ports 10/100/1000 Mbps, 2 SFP ports 100/1000 Mbps,
PROFINET Conformance-Class B, Extended temperature range

Your advantages
• Ambient temperature -40 °C ... 70 °C
• MRP (client and manager)
• VLANs
• DHCP client, DHCP server (pool-based and port-based), DHCP option 82
• RSTP
• Web-based management, SNMP
• Configuration memory
• Easy and fast startup and commissioning with the FL NETWORK MANAGER software
• Suitable for PROFINET and EtherNet/IP™ networks




Similar Part No. - 1006191

ManufacturerPart #DatasheetDescription
logo
FCI connector
10061913 FCI-CONNECTOR-10061913 Datasheet
632Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10061913-000CLF FCI-CONNECTOR-10061913-000CLF Datasheet
638Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10061913-000MLF FCI-CONNECTOR-10061913-000MLF Datasheet
638Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10061913-000NLF FCI-CONNECTOR-10061913-000NLF Datasheet
638Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10061913-000PLF FCI-CONNECTOR-10061913-000PLF Datasheet
638Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
More results


Similar Description - 1006191

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702653 PHOENIX-2702653 Datasheet
84Kb / 5P
Industrial Ethernet Switch - FL SWITCH 2304-2GC-2SFP
2702970 PHOENIX-2702970 Datasheet
83Kb / 5P
Industrial Ethernet Switch - FL SWITCH 2306-2SFP
1026765 PHOENIX-1026765 Datasheet
153Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1000T2POEGT-2SFP
09/12/2020
1249598 PHOENIX-1249598 Datasheet
761Kb / 25P
Industrial Ethernet Switch - FL SWITCH 1012NT-2SFP
Nov 16, 2022
1009222 PHOENIX-1009222 Datasheet
876Kb / 27P
Industrial Ethernet Switch - FL SWITCH 2306-2SFP PN
Dec 2, 2022
1089154 PHOENIX-1089154 Datasheet
1Mb / 33P
Industrial Ethernet Switch - FL SWITCH 2514-2SFP PN
Dec 2, 2022
1026923 PHOENIX-1026923 Datasheet
940Kb / 30P
Industrial Ethernet Switch - FL SWITCH 4000T-8POE-2SFP
Dec 2, 2022
1031683 PHOENIX-1031683 Datasheet
888Kb / 26P
Industrial Ethernet Switch - FL SWITCH 2314-2SFP PN
Dec 2, 2022
1043499 PHOENIX-1043499 Datasheet
1Mb / 33P
Industrial Ethernet Switch - FL SWITCH 2514-2SFP
Dec 2, 2022
1085171 PHOENIX-1085171 Datasheet
887Kb / 29P
Industrial Ethernet Switch - FL SWITCH 1105N-2SFP
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com