Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1085171 Datasheet (PDF) - PHOENIX CONTACT

1085171 Datasheet PDF - PHOENIX CONTACT
Part # 1085171
Download  1085171 Download
File Size   887.29 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 1105N-2SFP

1085171 Datasheet (PDF)

Go To PDF Page Download Datasheet
1085171 Datasheet PDF - PHOENIX CONTACT

Part # 1085171
Download  1085171 Click to download

File Size   887.29 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 1105N-2SFP

1085171 Datasheet (HTML) - PHOENIX CONTACT


1085171 Product details

Narrow Ethernet switch, five RJ45 ports with 10/100/1000 Mbps on all ports, automatic data
transmission speed detection, autocrossing function, and QoS

Your advantages
• Jumbo frame support (frame size up to 9216 bytes/frame)
• RJ45 ports support a transmission speed of 10/100/1000 Mbps
• QoS-prioritized (Quality of Service) messages
• Local diagnostic indicators with LEDs
• Enhanced traffic prioritization for automation protocols
• PROFINET PTCP filter for reliable communication on PROFINET networks
• Energy-efficient Ethernet in accord. with IEEE 802.3az
• PROFINET conformance Class A for real-time data exchange, alarms, and diagnostics
• Auto negotiation and autocrossing detection simplifies installation and setup




Similar Part No. - 1085171

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085170 PHOENIX-1085170 Datasheet
410Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1005NT
Nov 16, 2022
1085173 PHOENIX-1085173 Datasheet
148Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1104N-SFP
01/13/2022
1085176 PHOENIX-1085176 Datasheet
751Kb / 25P
Industrial Ethernet Switch - FL SWITCH 1005N-2SFX
Dec 2, 2022
1085177 PHOENIX-1085177 Datasheet
753Kb / 25P
Industrial Ethernet Switch - FL SWITCH 1004N-SFX
Dec 2, 2022
1085179 PHOENIX-1085179 Datasheet
269Kb / 9P
Industrial Ethernet Switch - FL SWITCH 1004N-FX ST
More results


Similar Description - 1085171

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702653 PHOENIX-2702653 Datasheet
84Kb / 5P
Industrial Ethernet Switch - FL SWITCH 2304-2GC-2SFP
2702970 PHOENIX-2702970 Datasheet
83Kb / 5P
Industrial Ethernet Switch - FL SWITCH 2306-2SFP
1085254 PHOENIX-1085254 Datasheet
278Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1105N
1026765 PHOENIX-1026765 Datasheet
153Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1000T2POEGT-2SFP
09/12/2020
1249598 PHOENIX-1249598 Datasheet
761Kb / 25P
Industrial Ethernet Switch - FL SWITCH 1012NT-2SFP
Nov 16, 2022
1006191 PHOENIX-1006191 Datasheet
889Kb / 26P
Industrial Ethernet Switch - FL SWITCH 2314-2SFP
Dec 2, 2022
1009222 PHOENIX-1009222 Datasheet
876Kb / 27P
Industrial Ethernet Switch - FL SWITCH 2306-2SFP PN
Dec 2, 2022
1089154 PHOENIX-1089154 Datasheet
1Mb / 33P
Industrial Ethernet Switch - FL SWITCH 2514-2SFP PN
Dec 2, 2022
1026923 PHOENIX-1026923 Datasheet
940Kb / 30P
Industrial Ethernet Switch - FL SWITCH 4000T-8POE-2SFP
Dec 2, 2022
1043499 PHOENIX-1043499 Datasheet
1Mb / 33P
Industrial Ethernet Switch - FL SWITCH 2514-2SFP
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com