Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1085176 Datasheet (PDF) - PHOENIX CONTACT

1085176 Datasheet PDF - PHOENIX CONTACT
Part # 1085176
Download  1085176 Download
File Size   751.84 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 1005N-2SFX

1085176 Datasheet (PDF)

Go To PDF Page Download Datasheet
1085176 Datasheet PDF - PHOENIX CONTACT

Part # 1085176
Download  1085176 Click to download

File Size   751.84 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 1005N-2SFX

1085176 Datasheet (HTML) - PHOENIX CONTACT


1085176 Product details

Unmanaged Switch 1000, 5 RJ45 ports 10/100 Mbps, 2 SFP ports 100 Mbps, PROFINET
Conformance-Class A

Your advantages
• RJ45 ports support a transmission speed of 10/100 Mbps
• QoS-prioritized (Quality of Service) messages
• Local diagnostic indicators with LEDs
• PROFINET PTCP filter for reliable communication on PROFINET networks
• Enhanced traffic prioritization for automation protocols
• Energy-efficient Ethernet in accord. with IEEE 802.3az
• PROFINET conformance Class A for real-time data exchange, alarms, and diagnostics
• Auto negotiation and autocrossing detection simplifies installation and setup




Similar Part No. - 1085176

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085170 PHOENIX-1085170 Datasheet
410Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1005NT
Nov 16, 2022
1085171 PHOENIX-1085171 Datasheet
887Kb / 29P
Industrial Ethernet Switch - FL SWITCH 1105N-2SFP
Dec 2, 2022
1085173 PHOENIX-1085173 Datasheet
148Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1104N-SFP
01/13/2022
1085177 PHOENIX-1085177 Datasheet
753Kb / 25P
Industrial Ethernet Switch - FL SWITCH 1004N-SFX
Dec 2, 2022
1085179 PHOENIX-1085179 Datasheet
269Kb / 9P
Industrial Ethernet Switch - FL SWITCH 1004N-FX ST
More results


Similar Description - 1085176

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1108N
2702969 PHOENIX-2702969 Datasheet
286Kb / 14P
Industrial Ethernet Switch - FL SWITCH 2206-2SFX
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
1085164 PHOENIX-1085164 Datasheet
757Kb / 25P
Industrial Ethernet Switch - FL SWITCH 1005NT-2SFX
Nov 16, 2022
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
1006188 PHOENIX-1006188 Datasheet
748Kb / 21P
Industrial Ethernet Switch - FL SWITCH 2214-2SFX
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
2702907 PHOENIX-2702907 Datasheet
998Kb / 30P
Industrial Ethernet Switch - FL SWITCH 2212-2TC- 2SFX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com