Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830 Datasheet (PDF) - Vishay Siliconix

830 Datasheet PDF - Vishay Siliconix
Part # 830
Download  830 Download
File Size   320.53 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description (46 mm) Three Turn Wirewound Potentiometer Bushing Mount

830 Datasheet (PDF)

Go To PDF Page Download Datasheet
830 Datasheet PDF - Vishay Siliconix

Part # 830
Download  830 Click to download

File Size   320.53 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description (46 mm) Three Turn Wirewound Potentiometer Bushing Mount

830 Datasheet (HTML) - Vishay Siliconix


830 Product details

FEATURES
• Gangable up to 2 sections
• Large range of ohmic values: 15  to 50 k
• Extra taps available upon request
• Ideally suits for all industry applications




Similar Part No. - 830

ManufacturerPart #DatasheetDescription
logo
Littelfuse
830 LITTELFUSE-830 Datasheet
84Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
logo
List of Unclassifed Man...
830 ETC2-830 Datasheet
299Kb / 1P
ZERO ADJUSTMENT KNOB
logo
Vishay Siliconix
830 VISHAY-830 Datasheet
322Kb / 4P
1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
830 VISHAY-830 Datasheet
158Kb / 4P
1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
16-Jul-03
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
More results


Similar Description - 830

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL140 VISHAY-MODEL140 Datasheet
226Kb / 3P
1/2 (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
28-Jun-07
MODEL162 VISHAY-MODEL162 Datasheet
225Kb / 3P
1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
18-Jun-07
MODEL830 VISHAY-MODEL830 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Bushing Mount
23-Mar-07
MODEL852 VISHAY-MODEL852 Datasheet
397Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
22-Mar-07
MODEL860 VISHAY-MODEL860 Datasheet
213Kb / 4P
1 13/16inch (46 mm) Ten Turn Wirewound, Bushing Mount
05-Jul-07
140 VISHAY-140 Datasheet
90Kb / 3P
1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
08-Apr-13
830 VISHAY-830 Datasheet
322Kb / 4P
1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
162 VISHAY-162 Datasheet
90Kb / 4P
1/2" (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
22-Nov-16
852 VISHAY-852 Datasheet
102Kb / 4P
(46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
14-Oct-2022
860 VISHAY-860_V01 Datasheet
83Kb / 4P
(46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
10-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com