Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 830
Description  (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

830 Datasheet(HTML) 2 Page - Vishay Siliconix

  830 Datasheet HTML 1Page - Vishay Siliconix 830 Datasheet HTML 2Page - Vishay Siliconix 830 Datasheet HTML 3Page - Vishay Siliconix 830 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 830
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
2
Document Number: 57073
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
1080° +4° -0°
Bearing type
Sleeve bearing
Torque (maximums): starting
Section 1
Section 2
STARTING
1.75 oz. - in (126.02 g - cm)
2.55 oz. - in (183.62 g - cm)
RUNNING
1.26 oz. - in (90.01 g - cm)
1.85 oz. - in (133.21 g - cm)
Runouts (maximums)
Shaft (TIR)
Pilot dia. (TIR)
Lateral (TIR)
Shaft end play
Shaft radial play
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.002" min. 0.010" max. (0.05 cm to 0.25 cm)
0.003" max. (0.08 cm)
Weight (maximums)
Single section
Additional section
3.0 oz. (85.05 g)
2.5 oz. (70.80 g)
Stop strength
750 oz. - in (static) (54.01 kg - cm)
Ganging
2 sections maximum ears of clamp band between sections positioned 45°, ± 10° CCW from terminal
center line
Moment inertia
5.5 g - cm2 maximum
0.218
(5.54)
± 0.015
0.562
(14.27)
Ø 0.125
(3.18)
MTG. FACE
0.812
(20.62)
± 0.031
0.312
(7.92)
0.030
MAX.
(0.76)
± 0.015
1.812
(46.02)
± 0.015
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
Ø 0.4062 MTG.
(10.32)
+ 0.0000
- 0.0020
0.062
(1.57)
0.010
(0.25)
0.062
(1.57)
0.250
MIN.
(6.35)
1.218
(30.94)
± 0.015
MODEL: 830/830-1...
ADD 1.010 ± 0.010 (25.65) FOR 2 GANG UNIT
3/
8 - 32 UNEF - 2A
1
2
3
1
TOLERANCES: OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com