Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

981HE Datasheet (PDF) - Vishay Siliconix

981HE Datasheet PDF - Vishay Siliconix
Part # 981HE
Download  981HE Download
File Size   172.31 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Throttle Position Sensor in Hall Effect Technology Hollow and D-Shaft Versionss

981HE Datasheet (PDF)

Go To PDF Page Download Datasheet
981HE Datasheet PDF - Vishay Siliconix

Part # 981HE
Download  981HE Click to download

File Size   172.31 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Throttle Position Sensor in Hall Effect Technology Hollow and D-Shaft Versionss

981HE Datasheet (HTML) - Vishay Siliconix


981HE Product details

FEATURES
• Accurate linearity down to: ± 0.5 %
• Easy mounting principle
• Non contacting technology: Hall effect
• Model dedicated to all applications in harsh environments
• Spring loaded types available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 981HE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
981HE VISHAY-981HE Datasheet
495Kb / 6P
Easy mounting principle
27-Mar-15
981HE VISHAY-981HE_15 Datasheet
484Kb / 6P
Throttle Position Sensor in Hall Effect Technology Hollow and D-Shaft Versions
27-Mar-15
More results


Similar Description - 981HE

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Vishay Siliconix
20LHE VISHAY-20LHE_15 Datasheet
360Kb / 4P
Linear Position Sensor in Hall Effect Technology (0 mm to 10 mm max.)
27-Mar-15
981HE VISHAY-981HE_15 Datasheet
484Kb / 6P
Throttle Position Sensor in Hall Effect Technology Hollow and D-Shaft Versions
27-Mar-15
SMHE VISHAY-SMHE_15 Datasheet
98Kb / 5P
Rotational Position Sensor, Kit Type, Hall Effect Technology
13-Feb-15
logo
SEC Electronics Inc.
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Vishay Siliconix
981-HE VISHAY-981-HE Datasheet
495Kb / 6P
Throttle Position Sensor in Hall Effect Technology Hollow and D-Shaft Versions
27-Mar-15
20LHE VISHAY-20LHE Datasheet
381Kb / 4P
Linear Position Sensor in Hall Effect Technology
27-Mar-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com