Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS41 Datasheet (PDF) - SEC Electronics Inc.

SS41 Datasheet PDF - SEC Electronics Inc.
Part # SS41
Download  SS41 Download
File Size   195.91 Kbytes
Page   6 Pages
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.
Description Bipolar Hall-Effect Position Sensor

SS41 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS41 Datasheet PDF - SEC Electronics Inc.

Part # SS41
Download  SS41 Click to download

File Size   195.91 Kbytes
Page   6 Pages
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.
Description Bipolar Hall-Effect Position Sensor

SS41 Datasheet (HTML) - SEC Electronics Inc.


SS41 Product details

General Description
The SS41 is an integrated Hall effect latched sensor designed for electronic commutation of brush-less DC motor applications. The device integrates a voltage regulator, reverse battery protection diode, Hall sensor with dynamic offset cancellation system, temperature compensation circuitry, small signal amplifier, Schmitt trigger and an open-collector output to sink up to 25 mA.

Features and Benefits
– 4.5V to 24V Operation
– -40℃ to 150℃ Superior temperature operation
– Bipolar technology
– Open-collector 25 mA output
– Reverse battery protection
– Small Size-SOT23 3L or SIP 3L
– Solid-state reliability
– Resistant to physical stress
– Activate with small, commercially available
   permanent magnets

Application Examples
– Brushless DC motor commutation
– Automotive, Consumer and Industrial
– Solid-state switch
– Speed measurement
– Revolution counting
– Angular position detection
– Proximity detection




Similar Part No. - SS41

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
logo
Honeywell Accelerometer...
SS41-L HONEYWELL-ACC-SS41-L Datasheet
433Kb / 9P
Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS41-L HONEYWELL-SS41-L Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
logo
Honeywell Accelerometer...
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
SOLID STATE SENSOR
logo
Honeywell Solid State E...
SS41-S HONEYWELL-SS41-S Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
More results


Similar Description - SS41

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
logo
SEC Electronics Inc.
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Diodes Incorporated
AH41 DIODES-AH41 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
Rev 1
logo
SEC Electronics Inc.
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
TT Electronics.
8150 TTELEC-8150 Datasheet
525Kb / 5P
Hall Effect, Non-Contacting Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com