Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

286 Datasheet (PDF) - CTS Corporation

286 Datasheet PDF - CTS Corporation
Part # 286
Download  286 Download
File Size   672.16 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Multi-turn Hall-Effect Position Sensor

286 Datasheet (PDF)

Go To PDF Page Download Datasheet
286 Datasheet PDF - CTS Corporation

Part # 286
Download  286 Click to download

File Size   672.16 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Multi-turn Hall-Effect Position Sensor

286 Datasheet (HTML) - CTS Corporation


286 Product details

 Multi-turn: All electrical angles available up to 3600°
 Non-contact Hall Effect technology
 Compact 25mm diameter size
 Wide temperature range (-40~125°C)
 Life cycle: 10M rotations
 Dust & water resistant (IP 67)

Applications
 Control valve position feedback
 Actuator motor position feedback
 Foot pedal, twist throttle
 Steering, and lift-and-shuttle

Description
Building on decades of experience in controls, the Series 286 Multi-Turn Hall-Effect Position Sensor provides solid, reliable CTS performance, with added multi-turn capability. The 286 is designed for demanding uses in industrial, transportation, medical and other areas and is ideal for custom applications.




Similar Part No. - 286

ManufacturerPart #DatasheetDescription
logo
Littelfuse
286 LITTELFUSE-286 Datasheet
114Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
logo
List of Unclassifed Man...
286 ETC2-286 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
Alpha Wire
286 ALPHAWIRE-286 Datasheet
97Kb / 3P
Customer Specification
2/20/2023
logo
Abbatron All Rights Res...
286 ABBATRON-286 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
WAGO Kontakttechnik Gmb...
286-304 WAGO-286-304 Datasheet
318Kb / 6P
Relay module; Nominal input voltage: 24 VDC
More results


Similar Description - 286

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
TT Electronics.
SX-4300 TTELEC-SX-4300 Datasheet
826Kb / 4P
LH3 Torque & Multi-Turn Position Sensor
SX-4404 TTELEC-SX-4404 Datasheet
811Kb / 4P
LH3 Torque & Multi-Turn Position Sensor
SX-4472 TTELEC-SX-4472 Datasheet
764Kb / 4P
LH3 Torque & Multi-turn Position Sensor
SX-4476 TTELEC-SX-4476 Datasheet
851Kb / 4P
LH3 Torque & Multi-turn Position Sensor
SX-4487 TTELEC-SX-4487 Datasheet
809Kb / 4P
LH3 Torque & Multi-turn Position Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com