Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCAFLEX05103FM Datasheet (PDF) - Vishay Siliconix

NTCAFLEX05103FM Datasheet PDF - Vishay Siliconix
Part # NTCAFLEX05103FM
Download  NTCAFLEX05103FM Download
File Size   82.67 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Flex Foil Sensors

NTCAFLEX05103FM Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCAFLEX05103FM Datasheet PDF - Vishay Siliconix

Part # NTCAFLEX05103FM
Download  NTCAFLEX05103FM Click to download

File Size   82.67 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Flex Foil Sensors

NTCAFLEX05103FM Datasheet (HTML) - Vishay Siliconix


NTCAFLEX05103FM Product details

FEATURES
• Rapid response time on surface down to 2 s
• Suitable for narrow space applications
• High flexibility of the foil
• Insulated and humidity resistant
• A strain relief hole is included in the flex design
to avoid traction to the sensor head
• Gold plated terminations
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Consumer appliances and white goods
• Power supply (heat-sinks)
• Battery, displays, LED
• Industrial applications, robotics
• Boilers
• EV and HV batteries

DESCRIPTION
• Miniature NTC thermistor body mounted on an insulated
flex foil and topped with an insulating epoxy glob top
• For flat surface temperature sensing with low thermal
mass and rapid response time

MOUNTING
• The stiff flat sensing area can be pressed against a flat
surface by means of insulating material (silicone foam), by
spring force or by taping it with a double sided
temperature resistant adhesive
• The sensor contacts can be connected to a PCB
counter-connector or wire-to-wire connector or soldered
to conductors, or crimped with FFC connectors and ZiF
connectors
• A mating connector can be for example a 0.5 mm pitch
7 poles connector for FPC, with top contacts, accepting
4 mm FPC width, ZIF or non-ZIF versions. The poles
(1 + 2) and (6 + 7) can be used for the electrical
connection. For example in SMT versions: TE 1734839-7,
Molex 054550-0771, Molex 052745-0797
• Consult Vishay for other screw sizes, lead length,
insulation, connector crimping or other features
Note
• FFC/FPC = Flexible Film Circuit/Flexible Printed Circuit




Similar Part No. - NTCAFLEX05103FM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCAFLEX05103FM VISHAY-NTCAFLEX05103FM Datasheet
111Kb / 3P
NTC Thermistors, Flex Foil Sensors
21-Sep-17
More results


Similar Description - NTCAFLEX05103FM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226333 VISHAY-23226333 Datasheet
81Kb / 6P
NTC Thermistors, High Temperature Sensors
10-Oct-03
232264090042 VISHAY-232264090042 Datasheet
50Kb / 2P
NTC Thermistors, Steel Capped Sensors
10-Oct-03
NTCAFLEX05 VISHAY-NTCAFLEX05 Datasheet
103Kb / 5P
NTC Thermistors, Flex Foil Sensors
30-May-12
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCACAP VISHAY-NTCACAP Datasheet
104Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCAFLEX05 VISHAY-NTCAFLEX05_17 Datasheet
111Kb / 3P
NTC Thermistors, Flex Foil Sensors
21-Sep-17
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
NTCAFLEX05SERIES VISHAY-NTCAFLEX05SERIES Datasheet
83Kb / 3P
NTC Thermistors, Flex Foil Sensors
18-Jun-2021
NTCACAP VISHAY-NTCACAP_V01 Datasheet
102Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com