Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLE428 Datasheet (PDF) - Vishay Siliconix

NTCLE428 Datasheet PDF - Vishay Siliconix
Part # NTCLE428
Download  NTCLE428 Download
File Size   146.36 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Mini Epoxy PVC Single Insulated Leads

NTCLE428 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCLE428 Datasheet PDF - Vishay Siliconix

Part # NTCLE428
Download  NTCLE428 Click to download

File Size   146.36 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Mini Epoxy PVC Single Insulated Leads

NTCLE428 Datasheet (HTML) - Vishay Siliconix


NTCLE428 Product details

FEATURES
• High adhesive strength between the PVC wire
and the encapsulating lacquer
• Accurate down to ± 0.3 °C
• Small body of max. 3 mm for easy installation
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Temperature measurement, sensing, and control
• On battery packs, heat-sinks, tubing, enclosures, etc.

DESCRIPTION
These sensors consist of small NTC chip soldered between
stranded AWG #30, PVC 105 °C single hook-up wires (acc.
to UL 1061). Terminations are solder dipped. They are
lacquered and insulated with a black epoxy coating.
MARKING

Black lacquered body without additional mark

PACKAGING
SPQ: 125 items (for standard 40 mm lead wire length)

MOUNTING
Important mounting and handling instructions: see
www.vishay.com/doc?29222
By soldering the wire end, or crimping connector. The body
can be inserted in a tube, free in air, tape attached or glued.
Not intended for fluid immersed applications or continuous
contact with water. Not for potting in hard material or
over-molding applications. Consult Vishay for specific
application or mounting.

DESIGN-IN SUPPORT
• For complete curve computation, please visit:
www.vishay.com/thermistors/ntc-curve-list/
• Other R/T curves available on request
• The lead length can be customized
• Connectors can be added to the wire end




Similar Part No. - NTCLE428

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE428E2103F102H VISHAY-NTCLE428E2103F102H Datasheet
134Kb / 10P
NTC Thermistors, Mini Epoxy PVC Insulated Leads
12-Oct-12
NTCLE428E2103F102M VISHAY-NTCLE428E2103F102M Datasheet
134Kb / 10P
NTC Thermistors, Mini Epoxy PVC Insulated Leads
12-Oct-12
NTCLE428E2103F400H VISHAY-NTCLE428E2103F400H Datasheet
134Kb / 10P
NTC Thermistors, Mini Epoxy PVC Insulated Leads
12-Oct-12
NTCLE428E2103F400M VISHAY-NTCLE428E2103F400M Datasheet
134Kb / 10P
NTC Thermistors, Mini Epoxy PVC Insulated Leads
12-Oct-12
NTCLE428E2103G102H VISHAY-NTCLE428E2103G102H Datasheet
134Kb / 10P
NTC Thermistors, Mini Epoxy PVC Insulated Leads
12-Oct-12
More results


Similar Description - NTCLE428

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232264090059 VISHAY-232264090059 Datasheet
49Kb / 2P
NTC Thermistors, Long Insulated Leads
10-Oct-03
232264590028 VISHAY-232264590028 Datasheet
44Kb / 2P
NTC Thermistors, Long Non-Insulated Leads
10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028 Datasheet
62Kb / 2P
NTC Thermistors, Long Non-Insulated Leads
16-May-11
NTCLE413E3502H102L VISHAY-NTCLE413E3502H102L Datasheet
134Kb / 10P
NTC Thermistors, Mini Epoxy PVC Insulated Leads
12-Oct-12
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_17 Datasheet
65Kb / 2P
NTC Thermistors, Long Non-Insulated Leads
14-Jun-17
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
NTC Thermistors, Mini Epoxy PVC Insulated Leads
11-Jul-17
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_V01 Datasheet
79Kb / 2P
NTC Thermistors, Long Non-Insulated Leads
18-Sep-2020
NTCLE301E4C90059 VISHAY-NTCLE301E4C90059 Datasheet
78Kb / 2P
NTC Thermistors, Long Insulated Leads
18-Sep-2020
NTCLE413 VISHAY-NTCLE413_V01 Datasheet
131Kb / 9P
NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
18-Sep-2020
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
NTC Thermistors, Epoxy PVC Long Leads Sensors
20-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com