Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLE428 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NTCLE428
Description  NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE428 Datasheet(HTML) 3 Page - Vishay Siliconix

  NTCLE428 Datasheet HTML 1Page - Vishay Siliconix NTCLE428 Datasheet HTML 2Page - Vishay Siliconix NTCLE428 Datasheet HTML 3Page - Vishay Siliconix NTCLE428 Datasheet HTML 4Page - Vishay Siliconix NTCLE428 Datasheet HTML 5Page - Vishay Siliconix NTCLE428 Datasheet HTML 6Page - Vishay Siliconix NTCLE428 Datasheet HTML 7Page - Vishay Siliconix NTCLE428 Datasheet HTML 8Page - Vishay Siliconix NTCLE428 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NTCLE428
www.vishay.com
Vishay BCcomponents
Revision: 18-Sep-2020
3
Document Number: 29186
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 2
PART IDENTIFICATION
R25
B25/85
k
± %
K
± %
NTCLE428 5K 3 % B3984 K
5
3
3984
0.5
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES
TEMPERATURE
(°C)
RT
(
)
RT/R25
R-TOL.
(± %)
(%/K)
T-TOL.
(± °C)
RMIN.
(
)
RMAX.
(
)
-40.0
167 137
33.427
4.92
-6.63
0.74
158 917
175 358
-35.0
120 661
24.132
4.73
-6.41
0.74
114 949
126 373
-30.0
88 066
17.613
4.56
-6.19
0.74
84 053
92 079
-25.0
64 950
12.990
4.39
-5.99
0.73
62 101
67 799
-20.0
48 381
9.6761
4.22
-5.79
0.73
46 337
50 424
-15.0
36 382
7.2765
4.07
-5.61
0.73
34 903
37 862
-10.0
27 609
5.5218
3.92
-5.43
0.72
26 528
28 690
-5.0
21 134
4.2268
3.77
-5.26
0.72
20 337
21 931
0.0
16 312
3.2624
3.63
-5.10
0.71
15 720
16 904
5.0
12 691
2.5381
3.49
-4.94
0.71
12 247
13 134
10.0
9948.4
1.9897
3.36
-4.80
0.70
9613.7
10 283
15.0
7855.6
1.5711
3.24
-4.65
0.70
7601.2
8110.1
20.0
6246.4
1.2493
3.12
-4.52
0.69
6051.6
6441.1
25.0
5000.0
1.00000
3.00
-4.39
0.68
4850.0
5150.0
30.0
4028.0
0.80560
3.11
-4.26
0.73
3902.6
4153.4
35.0
3264.9
0.65297
3.22
-4.14
0.78
3159.6
3370.1
40.0
2661.9
0.53239
3.33
-4.03
0.83
2573.3
2750.6
45.0
2182.6
0.43653
3.43
-3.92
0.88
2107.7
2257.6
50.0
1799.4
0.35987
3.53
-3.81
0.93
1735.8
1862.9
55.0
1491.1
0.29823
3.63
-3.71
0.98
1437.0
1545.3
60.0
1241.9
0.24838
3.72
-3.61
1.03
1195.7
1288.1
65.0
1039.3
0.20787
3.81
-3.51
1.09
999.69
1079.0
70.0
873.83
0.17477
3.90
-3.42
1.14
839.73
907.93
75.0
737.96
0.14759
3.99
-3.34
1.20
708.53
767.39
80.0
625.90
0.12518
4.07
-3.25
1.25
600.42
651.39
85.0
533.05
0.10661
4.15
-3.17
1.31
510.92
555.19
90.0
455.79
0.091159
4.23
-3.09
1.37
436.50
475.08
95.0
391.23
0.078246
4.31
-3.02
1.43
374.37
408.08
100.0
337.06
0.067411
4.38
-2.94
1.49
322.28
351.83
105.0
291.42
0.058284
4.46
-2.87
1.55
278.44
304.41



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com