Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJL9824 Datasheet (PDF) - Pan Jit International Inc.

PJL9824 Datasheet PDF - Pan Jit International Inc.
Part # PJL9824
Download  PJL9824 Download
File Size   730.91 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 40V Dual N-Channel Enhancement Mode MOSFET

PJL9824 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJL9824 Datasheet PDF - Pan Jit International Inc.

Part # PJL9824
Download  PJL9824 Click to download

File Size   730.91 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 40V Dual N-Channel Enhancement Mode MOSFET

PJL9824 Datasheet (HTML) - Pan Jit International Inc.


PJL9824 Product details

Features
 RDS(ON), VGS@10V, ID@10A<5.5mΩ
 RDS(ON), VGS@4.5V, ID@5A<7.5mΩ
 High switching speed
 Improved dv/dt capability
 Low Gate Charge
 Low reverse transfer capacitance
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : SOP-8 package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.0029 ounces, 0.083 grams




Similar Part No. - PJL9824

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJL9801 PANJIT-PJL9801 Datasheet
285Kb / 6P
30V P-Channel Enhancement Mode MOSFET
PJL9802 PANJIT-PJL9802 Datasheet
566Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
November 18,2016-REV.00
PJL9802_R2_00001 PANJIT-PJL9802_R2_00001 Datasheet
566Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
November 18,2016-REV.00
PJL9804 PANJIT-PJL9804 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 25,2017-REV.01
PJL9804_R2_00001 PANJIT-PJL9804_R2_00001 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 25,2017-REV.01
More results


Similar Description - PJL9824

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4027SSD DIODES-DMN4027SSD Datasheet
700Kb / 8P
40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS31204 Rev 1 - 2
DMN4026SSD DIODES-DMN4026SSD_15 Datasheet
318Kb / 6P
40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Pan Jit International I...
PJL9850 PANJIT-PJL9850 Datasheet
606Kb / 6P
40V Dual N-Channel Enhancement Mode MOSFET
April 24,2017-REV.00
PJQ5844 PANJIT-PJQ5844 Datasheet
693Kb / 6P
40V Dual N-Channel Enhancement Mode MOSFET
October 18,2017-REV.00
PJQ5848-AU PANJIT-PJQ5848-AU Datasheet
826Kb / 6P
40V Dual N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
PJQ5850-AU PANJIT-PJQ5850-AU Datasheet
770Kb / 6P
40V Dual N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
PJQ4848P PANJIT-PJQ4848P Datasheet
750Kb / 6P
40V Dual N-Channel Enhancement Mode MOSFET
July 28,2017-REV.00
PJQ5948-AU PANJIT-PJQ5948-AU_V01 Datasheet
422Kb / 6P
40V Dual N-Channel Enhancement Mode MOSFET
April 18,2023
PJQ5948V-AU PANJIT-PJQ5948V-AU_V01 Datasheet
419Kb / 6P
40V Dual N-Channel Enhancement Mode MOSFET
April 18,2023
logo
Diodes Incorporated
DMT47M2LDVQ DIODES-DMT47M2LDVQ Datasheet
490Kb / 7P
DUAL 40V N-CHANNEL ENHANCEMENT MODE MOSFET
May 2019 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com