Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-B5587 Datasheet (PDF) - Advantech Co., Ltd.

EPC-B5587 Datasheet PDF - Advantech Co., Ltd.
Part # EPC-B5587
Download  EPC-B5587 Download
File Size   5504.82 Kbytes
Page   6 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 12th Gen. Intel® Core™ Processors S-series (LGA1700) on 4" EPIC SBC

EPC-B5587 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPC-B5587 Datasheet PDF - Advantech Co., Ltd.

Part # EPC-B5587
Download  EPC-B5587 Click to download

File Size   5504.82 Kbytes
Page   6 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 12th Gen. Intel® Core™ Processors S-series (LGA1700) on 4" EPIC SBC

EPC-B5587 Datasheet (HTML) - Advantech Co., Ltd.


EPC-B5587 Product details

Features
ƒ 12th Gen. Intel® Core™ Processor up to 16 Cores, TDP 35W
ƒ High scalability with socket type CPU (LGA1700) & Support Std. CPU cooler
ƒ DDR5 4800 up to 32GB + 3 simultaneous display: Dual HDMI + eDP
ƒ Dual High Speed 2.5G Ethernet with TSN, 2x COM, CANbus, TPM
ƒ 3 Expansions: Dual M.2 M-Key (support NVMe), M.2 E-Key
ƒ Supports Windows 10 LTSC & Ubuntu 20.04 LTS, embedded software APIs,
WISE-DeviceOn




Similar Part No. - EPC-B5587

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 4P
Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results


Similar Description - EPC-B5587

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
AIMB-288E ADVANTECH-AIMB-288E Datasheet
3Mb / 6P
THIN AI Motherboard 12th Gen Intel® Core™ Processor LGA1700, NVIDIA® Quadro® Embedded T1000
17-Aug-2022
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534D ADVANTECH-ARK-3534D Datasheet
1Mb / 3P
Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
SOM-C350 ADVANTECH-SOM-C350 Datasheet
460Kb / 2P
Intel® 12th Gen Core Processors (Code Name: Alder Lake S) COM-HPC® Client Size C Module
29-Jul-2022
logo
AAEON Technology
EPIC-ADS7-PUC AAEON-EPIC-ADS7-PUC Datasheet
440Kb / 2P
EPIC System with 12th Generation Intel® Core™ Processor
Features
MAX-Q670A AAEON-MAX-Q670A Datasheet
734Kb / 2P
MAX with 12th/13th Generation Intel® Core™ LGA1700 Socket Processors, TDP Max. 125W
2023/05/10
MIX-Q670A1 AAEON-MIX-Q670A1 Datasheet
708Kb / 2P
MIX with 13th & 12th Gen Intel® Core™ Processors (formerly Raptor Lake-S/Alder Lake-S)
2023/03/07
BOXER-6451-ADP AAEON-BOXER-6451-ADP Datasheet
689Kb / 2P
Fanless Compact Embedded Computer with 12th Generation Intel® Core™ Processors
2023/04/07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com