Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS19 Datasheet (PDF) - Pan Jit International Inc.

SS19 Datasheet PDF - Pan Jit International Inc.
Part # SS19
Download  SS19 Download
File Size   66.11 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS19 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS19 Datasheet PDF - Pan Jit International Inc.

Part # SS19
Download  SS19 Click to download

File Size   66.11 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS19 Datasheet (HTML) - Pan Jit International Inc.


SS19 Product details

VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere

FEATURES
● Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
● For surface mounted applications
● Low profile package
● Built-in strain relief
● Metal to silicon rectifier
   majority carrier conduction
● Low power loss, High efficiency
● High current capability, low VF
● High surge capacity
● For use in low voltage high frequency inverters,
   free wheeling, and polarity protection applications
● High temperature soldering:
   260 ¢J/10 seconds at terminals

MECHANICAL DATA
   Case: JEDEC DO-214AC molded plastic
   Terminals: Solder plated, solderable per MIL-STD-750,
                    Method 2026
   Polarity: Color bank denotes cathode
   Standard packaging: 12mm tape (EIA-481)
   Weight: 0.002 ounce, 0.064 gram




Similar Part No. - SS19

ManufacturerPart #DatasheetDescription
logo
Surge Components
SS19 SURGE-SS19 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS19 TRSYS-SS19 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS19 FAIRCHILD-SS19 Datasheet
341Kb / 6P
1.0 Ampere Schottky Barrier Rectifiers
logo
Won-Top Electronics
SS19 WTE-SS19 Datasheet
45Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
SS19 TSC-SS19 Datasheet
137Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SS19

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com