Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS19 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SS19
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS19 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SS19 Datasheet HTML 1Page - Pan Jit International Inc. SS19 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS12 THRU S100
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE - 20 to 100 Volts
CURRENT - 1.0 Ampere
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
For surface mounted applications
l
Low profile package
l
Built-in strain relief
l
Metal to silicon rectifier
majority carrier conduction
l
Low power loss, High efficiency
l
High current capability, low VF
l
High surge capacity
l
For use in low voltage high frequency inverters,
free wheeling, and polarity protection applications
l
High temperature soldering:
260
¢J /10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color bank denotes cathode
Standard packaging: 12mm tape (EIA-481)
Weight: 0.002 ounce, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Resistive or inductive load.
SYMBOLS SS12 SS13 SS14 SS15 SS16 SS18 SS19 S100 UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
64
71
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
90
100
Volts
Maximum Average Forward Rectified Current
at TL (See Figure 1)
I(AV)
1.0
Amps
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load(JEDEC method)
IFSM
30.0
Amps
Maximum Instantaneous Forward Voltage at 1.0A
(Note 1)
VF
0.5
0.70
0.85
Volts
Maximum DC Reverse Current TA=25 ¢J (Note 1)
At Rated DC Blocking Voltage TA=100 ¢J
IR
0.5
20.0
mA
Maximum Thermal Resistance
(Note 2)
R £KJL
R £KJA
28
88
¢J /W
Operating Junction Temperature Range
TJ
-50 to +125
¢J
Storage Temperature Range
TSTG
-50 to +150
¢J
NOTES:
1.
Pulse Test with PW=300 £g sec, 2% Duty Cycle.
2.
Mounted on P.C.Board with 5.0mm
2 (.013mm thick) copper pad areas.
SMA/DO-214AC


Similar Part No. - SS19

ManufacturerPart #DatasheetDescription
logo
Surge Components
SS19 SURGE-SS19 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS19 TRSYS-SS19 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS19 FAIRCHILD-SS19 Datasheet
341Kb / 6P
1.0 Ampere Schottky Barrier Rectifiers
logo
Won-Top Electronics
SS19 WTE-SS19 Datasheet
45Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
SS19 TSC-SS19 Datasheet
137Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS19

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com