Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GVXO27 Datasheet (PDF) - Golledge Electronics Ltd

GVXO27 Datasheet PDF - Golledge Electronics Ltd
Part # GVXO27
Download  GVXO27 Download
File Size   64.76 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3V & 5V VCXO igh Freq Fundamental

GVXO27 Datasheet (PDF)

Go To PDF Page Download Datasheet
GVXO27 Datasheet PDF - Golledge Electronics Ltd

Part # GVXO27
Download  GVXO27 Click to download

File Size   64.76 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3V & 5V VCXO igh Freq Fundamental

GVXO27 Datasheet (HTML) - Golledge Electronics Ltd


GVXO27 Product details

Features
➠ Fundamental mode crystal up to 75MHz
➠ HCMOS compatible output
➠ Low jitter and fast rise / fall
➠ 3.3V or 5V supply
➠ Enable / disable tristate function
➠ Ceramic / metal SM package




Similar Part No. - GVXO27

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
5V High Performance VCXO
GVXO-27L GOLLEDGE-GVXO-27L Datasheet
574Kb / 5P
High Frequency Fundamental Mode 3.3V VCXO
GVXO-27S GOLLEDGE-GVXO-27S Datasheet
574Kb / 5P
5V High Frequency Fundamental VCXO
GVXO-32 GOLLEDGE-GVXO-32 Datasheet
69Kb / 1P
3.3V & 5V VCXO High Frequency
GVXO-32L GOLLEDGE-GVXO-32L Datasheet
69Kb / 1P
3.3V & 5V VCXO High Frequency
More results


Similar Description - GVXO27

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO32 GOLLEDGE-GVXO32 Datasheet
69Kb / 1P
3.3V & 5V VCXO High Frequency
GVXO34 GOLLEDGE-GVXO34 Datasheet
69Kb / 1P
3.3V & 5V VCXO
GVXO45 GOLLEDGE-GVXO45 Datasheet
61Kb / 1P
5V VCXO High Frequency Fundamental
GVXO46 GOLLEDGE-GVXO46 Datasheet
62Kb / 1P
3.3V VCXO High Frequency Fundamental
CC1F GOLLEDGE-CC1F_16 Datasheet
136Kb / 1P
SM Crystal High Freq Fundamental
CC6F GOLLEDGE-CC6F_16 Datasheet
127Kb / 1P
SM Crystal High Freq Fundamental
GVXO-32 GOLLEDGE-GVXO-32_15 Datasheet
124Kb / 1P
3.3V & 5V VCXO - High Frequency
GVXO-55F GOLLEDGE-GVXO-55F Datasheet
552Kb / 5P
5V VCXO with high frequency fundamental mode crystal
GVXO-27L GOLLEDGE-GVXO-27L Datasheet
574Kb / 5P
High Frequency Fundamental Mode 3.3V VCXO
GVXO-27S GOLLEDGE-GVXO-27S Datasheet
574Kb / 5P
5V High Frequency Fundamental VCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com