Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC6F Datasheet (PDF) - Golledge Electronics Ltd

CC6F Datasheet PDF - Golledge Electronics Ltd
Part # CC6F_16
Download  CC6F Download
File Size   127.3 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SM Crystal High Freq Fundamental

CC6F Datasheet (PDF)

Go To PDF Page Download Datasheet
CC6F Datasheet PDF - Golledge Electronics Ltd

Part # CC6F_16
Download  CC6F Click to download

File Size   127.3 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SM Crystal High Freq Fundamental

CC6F Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - CC6F_16

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC6F-T1A GOLLEDGE-CC6F-T1A Datasheet
53Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
logo
MICORO CRYSTAL SWITZERL...
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
197Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
513Kb / 2P
Inverted Mesa AT Crystal 70 MHz ??250 MHz
logo
Golledge Electronics Lt...
CC6F-T1A GOLLEDGE-CC6F-T1A Datasheet
555Kb / 4P
Fundamental mode up to 250MHz
logo
MICORO CRYSTAL SWITZERL...
CC6F-T1AF MICROCRYSTAL-CC6F-T1AF Datasheet
1Mb / 2P
Inverted Mesa AT Crystal 70 MHz - 200 MHz
More results


Similar Description - CC6F_16

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC1F GOLLEDGE-CC1F Datasheet
58Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
CC1V GOLLEDGE-CC1V Datasheet
60Kb / 1P
SM Crystal Mil Temp Low Freq
CC6F GOLLEDGE-CC6F Datasheet
53Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
SM Crystal High Frequency Fundamental
CC6F GOLLEDGE-CC6F_06 Datasheet
55Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
CC1F GOLLEDGE-CC1F_16 Datasheet
136Kb / 1P
SM Crystal High Freq Fundamental
CC1V GOLLEDGE-CC1V_16 Datasheet
138Kb / 1P
SM Crystal Low Freq
GSX-328 GOLLEDGE-GSX-328 Datasheet
590Kb / 5P
High Frequency Fundamental Mode Miniature SM Crystal
GSX-538 GOLLEDGE-GSX-538 Datasheet
592Kb / 5P
High Frequency Fundamental 5.0 x 3.2mm SM Crystal
GSX-758 GOLLEDGE-GSX-758 Datasheet
590Kb / 5P
High Frequency Fundamental 7.5 x 5.0mm SM Crystal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com