Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2700775 Datasheet (PDF) - PHOENIX CONTACT

2700775 Datasheet PDF - PHOENIX CONTACT
Part # 2700775
Download  2700775 Download
File Size   578.91 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - IB IL AO 2/UI-PAC

2700775 Datasheet (PDF)

Go To PDF Page Download Datasheet
2700775 Datasheet PDF - PHOENIX CONTACT

Part # 2700775
Download  2700775 Click to download

File Size   578.91 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - IB IL AO 2/UI-PAC

2700775 Datasheet (HTML) - PHOENIX CONTACT


2700775 Product details

Inline, Analog output terminal, Analog outputs: 2, 0 V ... 10 V, -10 V ... 10 V, 0 mA ... 20 mA, 4
mA ... 20 mA, -20 mA ... 20 mA, connection technology: 2-conductor, transmission speed in the
local bus: 500 kbps, degree of protection: IP20, including Inline connector and labeling field

Your advantages
• 2 analog output channels
• Connection of actuators in 2-conductor technology
• Current ranges: 0 mA ... 20 mA, 4 mA ... 20 mA, ±20 mA
• Voltage ranges: 0 V ... 10 V, ±10 V
• Diagnostic and status indicators




Similar Part No. - 2700775

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700720 PHOENIX-2700720 Datasheet
45Kb / 2P
Connector set, consisting of four Inline plugs with integrated discharge electronics
2700722 PHOENIX-2700722 Datasheet
46Kb / 2P
Connector set, consisting of four Inline plugs with integrated discharge electronics
2700761 PHOENIX-2700761 Datasheet
56Kb / 2P
Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
2700780 PHOENIX-2700780 Datasheet
56Kb / 2P
Data logging, trend display, and recipe management
2700784 PHOENIX-2700784 Datasheet
654Kb / 20P
Controller - RFC 460R PN 3TX
Dec 8, 2022
More results


Similar Description - 2700775

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861315 PHOENIX-2861315 Datasheet
166Kb / 6P
IB IL AO 1/SF-PAC
2861467 PHOENIX-2861467 Datasheet
165Kb / 6P
IB IL AO 2/U/BP-PAC
2863957 PHOENIX-2863957 Datasheet
133Kb / 5P
IB IL AO 2/U/BP-ME
2878052 PHOENIX-2878052 Datasheet
223Kb / 5P
IB IL AO 4/8/U/BP-2MBD-PAC
2897910 PHOENIX-2897910 Datasheet
74Kb / 3P
Communication module - IB IL DALI-PAC
8500 PHOENIX-8500 Datasheet
205Kb / 14P
IB IL AO 2/UI-XC-PAC
2701389 PHOENIX-2701389 Datasheet
510Kb / 16P
Analog module - IB IL AO 2/UI-XC-PAC
Dec 8, 2022
2863083 PHOENIX-2863083 Datasheet
578Kb / 13P
Analog module - IB IL AO 2/SF-PAC
Dec 8, 2022
2862194 PHOENIX-2862194 Datasheet
586Kb / 13P
Analog module - IB IL AO 2/SF-2MBD-PAC
Jan 11, 2023
2878735 PHOENIX-2878735 Datasheet
582Kb / 17P
Analog module - IB IL SGI 2/F-2MBD-PAC
Jan 11, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com