Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2863083 Datasheet (PDF) - PHOENIX CONTACT

2863083 Datasheet PDF - PHOENIX CONTACT
Part # 2863083
Download  2863083 Download
File Size   578.02 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - IB IL AO 2/SF-PAC

2863083 Datasheet (PDF)

Go To PDF Page Download Datasheet
2863083 Datasheet PDF - PHOENIX CONTACT

Part # 2863083
Download  2863083 Click to download

File Size   578.02 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - IB IL AO 2/SF-PAC

2863083 Datasheet (HTML) - PHOENIX CONTACT


2863083 Product details

Inline, Analog output terminal, Analog outputs: 2, 0 V ... 10 V, 0 mA ... 20 mA, 4 mA ... 20 mA,
connection technology: 2-conductor, transmission speed in the local bus: 500 kbps, degree of
protection: IP20, including Inline connectors and marking fields

Product Description
The terminal is designed for use within an Inline station. It is used to output analog current and voltage signals. The signals are available with a 16-bit resolution.

Your advantages
• 2 analog output channels
• Connection of actuators in 2-conductor technology
• Voltage range: 0 V ... 10 V
• Current ranges: 0 mA ... 20 mA, 4 mA ... 20 mA
• Output values can be represented in two different formats
• Behavior of the outputs in the event of an error can be configured
• Process data update including conversion time of the digital/analog converter < 1 ms




Similar Part No. - 2863083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2863070 PHOENIX-2863070 Datasheet
190Kb / 6P
INTERBUS bus coupler, copper connection, 24 V DC, complete with accessories (connector and labeling field)
logo
Belden Inc.
28630A BELDEN-28630A Datasheet
157Kb / 2P
TC VN/PVC, 37 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28630A-0105000 BELDEN-28630A-0105000 Datasheet
157Kb / 2P
TC VN/PVC, 37 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
More results


Similar Description - 2863083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861302 PHOENIX-2861302 Datasheet
120Kb / 8P
Inline terminal - IB IL AI 2/SF-PAC
2861315 PHOENIX-2861315 Datasheet
166Kb / 6P
IB IL AO 1/SF-PAC
2861412 PHOENIX-2861412 Datasheet
285Kb / 35P
IB IL AI 8/SF(-2MBD)-PAC
2861467 PHOENIX-2861467 Datasheet
165Kb / 6P
IB IL AO 2/U/BP-PAC
2861577 PHOENIX-2861577 Datasheet
177Kb / 6P
IB IL AI 2/SF-230-PAC
8500 PHOENIX-8500 Datasheet
205Kb / 14P
IB IL AO 2/UI-XC-PAC
2700775 PHOENIX-2700775 Datasheet
578Kb / 16P
Analog module - IB IL AO 2/UI-PAC
Dec 8, 2022
2701389 PHOENIX-2701389 Datasheet
510Kb / 16P
Analog module - IB IL AO 2/UI-XC-PAC
Dec 8, 2022
2862194 PHOENIX-2862194 Datasheet
586Kb / 13P
Analog module - IB IL AO 2/SF-2MBD-PAC
Jan 11, 2023
2878735 PHOENIX-2878735 Datasheet
582Kb / 17P
Analog module - IB IL SGI 2/F-2MBD-PAC
Jan 11, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com