Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1891/3C Datasheet (PDF) - Alpha Wire

1891/3C Datasheet PDF - Alpha Wire
Part # 1891/3C
Download  1891/3C Download
File Size   97.66 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1891/3C Datasheet (PDF)

Go To PDF Page Download Datasheet
1891/3C Datasheet PDF - Alpha Wire

Part # 1891/3C
Download  1891/3C Click to download

File Size   97.66 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1891/3C Datasheet (HTML) - Alpha Wire


1891/3C Product details

Construction
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 14 (41/30) AWG Tinned Copper 0.070
b) Insulation 0.020" Wall, Nom. PVC 0.110
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 2 RED 3 WHITE
2) Cable Assembly 3 Components Cabled
a) Twists: 3.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket 0.020" Wall, Nom.,PVC 0.277 (0.292 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1891/3C 3C 14 AWG
(UL) 75C TYPE CL2 OR C(RU) AWM I/II A/B 80C 300V
FT1 CE ROHS
* = Factory Code




Similar Part No. - 1891/3C

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1891 KEYSTONE-1891 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
STMicroelectronics
1891-03 STMICROELECTRONICS-1891-03 Datasheet
66Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Mar-1993
logo
PHOENIX CONTACT
1891014 PHOENIX-1891014 Datasheet
231Kb / 8P
ZFK3DSA 1,5-5,08- 3 - PCB terminal block
1891027 PHOENIX-1891027 Datasheet
240Kb / 8P
ZFKKDSA 1,5-5,08- 4 - PCB terminal block
1891030 PHOENIX-1891030 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDSA 1,5-5,08- 8
More results


Similar Description - 1891/3C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com