Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1891/3C Datasheet(PDF) 1 Page - Alpha Wire

Part # 1891/3C
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1891/3C Datasheet(HTML) 1 Page - Alpha Wire

  1891/3C Datasheet HTML 1Page - Alpha Wire 1891/3C Datasheet HTML 2Page - Alpha Wire 1891/3C Datasheet HTML 3Page - Alpha Wire 1891/3C Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 1891/3C
Construction
Applicable Specifications
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
3 X 1 COND
a) Conductor
14 (41/30) AWG Tinned Copper
0.070
b) Insulation
0.020" Wall, Nom. PVC
0.110
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
RED
3
WHITE
2) Cable Assembly
3 Components Cabled
a) Twists:
3.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket
0.020" Wall, Nom.,PVC
0.277 (0.292 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 1891/3C 3C 14 AWG
(UL) 75C TYPE CL2 OR C(RU) AWM I/II A/B 80C 300V
FT1 CE ROHS
* = Factory Code
1) UL
CL2
75°C
VW-1
2) CSA International
C(RU) AWM I/II A/B FT1
80°C / 300 VRMS
3) CE:
EU Low Voltage Directive 2014/35/EU


Similar Part No. - 1891/3C

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1891 KEYSTONE-1891 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
STMicroelectronics
1891-03 STMICROELECTRONICS-1891-03 Datasheet
66Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Mar-1993
logo
PHOENIX CONTACT
1891014 PHOENIX-1891014 Datasheet
231Kb / 8P
ZFK3DSA 1,5-5,08- 3 - PCB terminal block
1891027 PHOENIX-1891027 Datasheet
240Kb / 8P
ZFKKDSA 1,5-5,08- 4 - PCB terminal block
1891030 PHOENIX-1891030 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDSA 1,5-5,08- 8
More results

Similar Description - 1891/3C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com