Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB Datasheet (PDF) - Littelfuse

TSB Datasheet PDF - Littelfuse
Part # TSB
Download  TSB Download
File Size   563.87 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / TSB SERIES

TSB Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB Datasheet PDF - Littelfuse

Part # TSB
Download  TSB Click to download

File Size   563.87 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / TSB SERIES

TSB Datasheet (HTML) - Littelfuse


TSB Product details

Description
The TSB Series is a totally solid-state, delay-on-break timing
module. The TSB series is available with a fixed, external, or
onboard adjustable time delay. Time delays from 0.05 to 600
seconds, in 4 standard ranges, cover over 90 % of all OEM
and commercial appliance timing applications. The repeat
accuracy is ±2 %. Operating voltages of 24, 120, or 230
V ac are available. The TSB’s 1 A steady state, 10 A rated,
solid-state output is perfect for direct control of solenoids,
contactors, relays, lamps, buzzers, and small heaters. The
TSB series can be surface mounted with a single screw, or
snapped on a 35 mm DIN rail using the P1023-20 adapter.
Operation (Delay-on-Break)
Input voltage must be applied before and during timing. Upon
closure of the initiate switch, the output energizes. The time
delay begins when the initiate switch opens. The output
remains energized during timing. At the end of the time
delay, the output de-energizes. The output will energize if the
initiate switch is closed when input voltage is applied.
Reset: Reclosing the initiate switch during timing resets the
time delay. Loss of input voltage resets the output and the
time delay.

FEATURES BENEFITS
Analog circuitry Repeat accuracy + / - 2 %,
Factory calibration + / - 5 %
Totally solid state
and encapsulated
No moving parts to arc and wear out over time
and encapsulated to protect against shock,
vibration, and humidity
Wide time delay range Meets almost all OEM and commercial
appliance timing applications
1A steady, 10A inrush
solid state output
Provides 100 million operations in typical
conditions




Similar Part No. - TSB

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
TSB ATC-TSB Datasheet
357Kb / 1P
Interval Solid-State Output
TSB-120-AFC ATC-TSB-120-AFC Datasheet
357Kb / 1P
Interval Solid-State Output
TSB-120-ARC ATC-TSB-120-ARC Datasheet
357Kb / 1P
Interval Solid-State Output
TSB-120-ASC ATC-TSB-120-ASC Datasheet
357Kb / 1P
Interval Solid-State Output
TSB-24-AFC ATC-TSB-24-AFC Datasheet
357Kb / 1P
Interval Solid-State Output
More results


Similar Description - TSB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
Time Delay Relays
logo
Littelfuse
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
Time Delay Relays DELAY-ON-MAKE
1-B-030121
TRDU LITTELFUSE-TRDU Datasheet
838Kb / 3P
Time Delay Relays Multifunction
2016
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TRS LITTELFUSE-TRS Datasheet
380Kb / 2P
Time Delay Relays / SINGLE SHOT
2021 Rev: 1-C-030121
TRU LITTELFUSE-TRU Datasheet
491Kb / 2P
Time Delay Relays / Multifunction
2018 Rev: 1-A-032318
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
TL120A5T LITTELFUSE-TL120A5T Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com