Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDI Datasheet (PDF) - Littelfuse

TDI Datasheet PDF - Littelfuse
Part # TDI
Download  TDI Download
File Size   303.35 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / INTERVAL

TDI Datasheet (PDF)

Go To PDF Page Download Datasheet
TDI Datasheet PDF - Littelfuse

Part # TDI
Download  TDI Click to download

File Size   303.35 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / INTERVAL

TDI Datasheet (HTML) - Littelfuse


TDI Product details

Description
The TDI series is an interval timer that combines accurate
digital circuitry with isolated, 8 A rated, DPDT relay contacts
in an 8-pin plug-in package. The TDI series features DIP
switch selectable time delays ranging from 0.1 to 10,230
seconds in three ranges. The TDI series is the product of
choice for custom control panel and OEM designers.
Operation (Interval)
Upon application of input voltage, the time delay begins.
The output relay is energized during the time delay. At the
end of the time delay, the output de-energizes and remains
de-energized until input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.

FEATURES BENEFITS
Digital circuitry Repeat Accuracy + / - 0.1 %,
Setting accuracy + / - 2 %
Isolated, 8 A, DPDT
output contacts
Allows control of loads with independent
voltage sources
DIP switch adjustment Provides first time setting accuracy
Industry standard octal
plug connection Eliminates need for special connectors
LED indication
(select models)
Provides visual indication of timing and
output status




Similar Part No. - TDI

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
TDI ATC-TDI Datasheet
307Kb / 1P
Delayed Single Shot Relay Output
TDI-120-AFA ATC-TDI-120-AFA Datasheet
307Kb / 1P
Delayed Single Shot Relay Output
TDI-120-AFB ATC-TDI-120-AFB Datasheet
307Kb / 1P
Delayed Single Shot Relay Output
TDI-120-AKA ATC-TDI-120-AKA Datasheet
307Kb / 1P
Delayed Single Shot Relay Output
TDI-120-AKB ATC-TDI-120-AKB Datasheet
307Kb / 1P
Delayed Single Shot Relay Output
More results


Similar Description - TDI

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
Time Delay Relays
logo
Littelfuse
TRDU LITTELFUSE-TRDU Datasheet
838Kb / 3P
Time Delay Relays Multifunction
2016
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TRU LITTELFUSE-TRU Datasheet
491Kb / 2P
Time Delay Relays / Multifunction
2018 Rev: 1-A-032318
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDUI LITTELFUSE-TDUI Datasheet
398Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
TL120A5T LITTELFUSE-TL120A5T Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com