Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDUI Datasheet (PDF) - Littelfuse

TDUI Datasheet PDF - Littelfuse
Part # TDUI
Download  TDUI Download
File Size   398.68 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Interval

TDUI Datasheet (PDF)

Go To PDF Page Download Datasheet
TDUI Datasheet PDF - Littelfuse

Part # TDUI
Download  TDUI Click to download

File Size   398.68 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Interval

TDUI Datasheet (HTML) - Littelfuse


TDUI Product details

Description
The TDUI Series combines digital timing circuitry with universal
voltage operation. Voltages of 24 to 240VAC and 12 to 24VDC
are available in three ranges. The TDUI Series offers DIP switch
selectable time delays ranging from 0.1 seconds to 102.3
minutes in three ranges. Its 1A rated output, ability to operate
on multiple voltages, and wide range of switch selectable time
delays make the TDUI Series an excellent choice for process
control systems and OEM equipment.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output energizes during the time delay. At the end of the time
delay, the output de-energizes and remains de-energized until
input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.5%,
Setting accuracy + / - 2%
Compact design Allows flexiblility for OEM applications
1A steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Wide voltage ranges Flexibility to handle multiple voltages found in
control systems and OEM applications
DIP switch Adjustment Provides first time setting accuracy




Similar Part No. - TDUI

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
Automatic Timing & Cont...
TDU ATC-TDU Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DKA ATC-TDU-12-DKA Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DKB ATC-TDU-12-DKB Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DLA ATC-TDU-12-DLA Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
More results


Similar Description - TDUI

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com