Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDB Datasheet (PDF) - Littelfuse

TSDB Datasheet PDF - Littelfuse
Part # TSDB
Download  TSDB Download
File Size   514.39 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays - Dedicated - Delay-on-Break

TSDB Datasheet (PDF)

Go To PDF Page Download Datasheet
TSDB Datasheet PDF - Littelfuse

Part # TSDB
Download  TSDB Click to download

File Size   514.39 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays - Dedicated - Delay-on-Break

TSDB Datasheet (HTML) - Littelfuse


TSDB Product details

Description
The TSDB Series is designed for more demanding commercial
and industrial applications where small size, and accurate
performance are required. The factory calibration for fixed
time delays is within 1% of the target time delay. The repeat
accuracy, under stable conditions, is 0.5% of the time delay.
The TSDB Series is rated to operate over an extended
temperature range. Time delays of 0.1 seconds to 1000 minutes
are available. The output is rated 1A steady and 10A inrush. The
modules are totally solid state and encapsulated to protect the
electronic circuitry.
Operation (Delay-on-Break)
Input voltage must be applied before and during timing. Upon
closure of the initiate switch, the output energizes. The time
delay begins when the initiate switch is opened. The output
remains energized during timing. At the end of the time delay,
the output de-energizes. The output will energize if the initiate
switch is closed when input voltage is applied.
Reset: Reclosing the initiate switch during timing resets the time
delay. Loss of input voltage resets the time delay and output.

FEATURES BENEFITS
Microcontroller based Repeat accuracy + / - 0.5%,
Factory calibration + / - 1%
Compact design Allows flexiblility for OEM applications
1A Steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Wide temperature
range: -40° to 75°C
Reliable in demanding commercial and
industrial applications




Similar Part No. - TSDB

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TSD FENGJUI-TSD Datasheet
299Kb / 4P
SMD POWER INDUCTOR-RoHS
logo
Transko Electronics, In...
TSD TRANSKO-TSD Datasheet
286Kb / 1P
HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.1: 08-28-2020
logo
Automatic Timing & Cont...
TSD ATC-TSD Datasheet
260Kb / 1P
OFF-Delay Solid-State Output
logo
PHOENIX CONTACT
TSD-02-SAC PHOENIX-TSD-02-SAC Datasheet
52Kb / 3P
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
Wide range of SAC... nuts for various different applications
More results


Similar Description - TSDB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRPS LITTELFUSE-HRPS Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com